Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4130 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4130
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4130 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4130 Datasheet HTML 2Page - Texas Instruments OPA4130 Datasheet HTML 3Page - Texas Instruments OPA4130 Datasheet HTML 4Page - Texas Instruments OPA4130 Datasheet HTML 5Page - Texas Instruments OPA4130 Datasheet HTML 6Page - Texas Instruments OPA4130 Datasheet HTML 7Page - Texas Instruments OPA4130 Datasheet HTML 8Page - Texas Instruments OPA4130 Datasheet HTML 9Page - Texas Instruments OPA4130 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA130, OPA2130, OPA4130
6
SBOS053A
www.ti.com
LARGE-SIGNAL STEP RESPONSE
G = 1, C
L = 100pF
5µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, C
L = 1000pF
5µs/div
SMALL-SIGNAL STEP RESPONSE
G =1, C
L = 100pF
500ns/div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
0
±5
±10
±15
±20
Output Current (mA)
+125°C
+25°C
–55°C
+85°C
+125°C
+25°C
–55°C
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
80
70
60
50
40
30
20
10
0
10pF
100pF
1nF
10nF
100nF
Load Capacitance (F)
G = +1
G = –1
G = ±5
SETTLING TIME vs GAIN
Gain (V/V)
100
10
1
±1
±10
±100
0.1%
0.01%
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±15V, and RL = 10kΩ, unless otherwise noted.


Similar Part No. - OPA4130

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4130 BURR-BROWN-OPA4130 Datasheet
289Kb / 7P
   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130PA BURR-BROWN-OPA4130PA Datasheet
289Kb / 7P
   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130UA BURR-BROWN-OPA4130UA Datasheet
289Kb / 7P
   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4130

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA130 BURR-BROWN-OPA130 Datasheet
289Kb / 7P
   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
   LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
Texas Instruments
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
Texas Instruments
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com