Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA130UA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA130UA
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA130UA Datasheet(HTML) 3 Page - Texas Instruments

  OPA130UA Datasheet HTML 1Page - Texas Instruments OPA130UA Datasheet HTML 2Page - Texas Instruments OPA130UA Datasheet HTML 3Page - Texas Instruments OPA130UA Datasheet HTML 4Page - Texas Instruments OPA130UA Datasheet HTML 5Page - Texas Instruments OPA130UA Datasheet HTML 6Page - Texas Instruments OPA130UA Datasheet HTML 7Page - Texas Instruments OPA130UA Datasheet HTML 8Page - Texas Instruments OPA130UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OPA130, OPA2130, OPA4130
3
SBOS053A
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, and RL = 10kΩ, unless otherwise noted.
OPA130PA, UA
OPA2130PA, UA
OPA4130PA, UA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±0.2
±1mV
vs Temperature(1)
Operating Temperature Range
±2
±10
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
2
20
µV/V
Channel Separation (dual and quad)
0.3
µV/V
INPUT BIAS CURRENT(2)
Input Bias Current
VCM = 0V
+5
±20
pA
vs Temperature
See Typical Characteristics
Input Offset Current
VCM = 0V
±2
±20
pA
NOISE
Input Voltage Noise
Noise Density, f = 10Hz
30
nV/
√Hz
f = 100Hz
18
nV/
√Hz
f = 1kHz
16
nV/
√Hz
f = 10kHz
16
nV/
√Hz
Current Noise Density, f = 1kHz
4fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range, Positive
(V+)–2
(V+)–1.5
V
Negative
(V–)+2
(V–)+1.2
V
Common-Mode Rejection
VCM = –13V to +13V
90
105
dB
INPUT IMPEDANCE
Differential
1013 || 1
Ω || pF
Common-Mode
VCM = –13V to +13V
1013 || 3
Ω || pF
OPEN-LOOP GAIN
Open-loop Voltage Gain
VO = –13.8V to +13V
120
135
dB
RL = 2kΩ, VO = –13V to +12V
120
135
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
1
MHz
Slew Rate
2V/
µs
Settling Time: 0.1%
G = 1, 10V Step, CL = 100pF
5.5
µs
0.01%
G = 1, 10V Step, CL = 100pF
7
µs
Overload Recovery Time
G = 1, VIN = ±15V
2
µs
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 3.5Vrms
0.0003
%
OUTPUT
Voltage Output, Positive
(V+)–2
(V+)–1.5
V
Negative
(V–)+1.2
(V–)+1
V
Positive
RL = 2kΩ
(V+)–3
(V+)–2.5
V
Negative
RL = 2kΩ
(V–)+2
(V–)+1.5
V
Short-Circuit Current
±18
mA
Capacitive Load Drive (Stable Operation)
10
nF
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±2.25
±18
V
Quiescent Current (per amplifier)
IO = 0
±530
±650
µA
TEMPERATURE RANGE
Operating Range
–40
+85
°C
Storage
–40
+125
°C
Thermal Resistance,
θ
JA
DIP-8
100
°C/W
SO-8 Surface-Mount
150
°C/W
DIP-14
80
°C/W
SO-14 Surface-Mount
110
°C/W
NOTES: (1) Ensured by wafer test. (2) High-speed test at TJ = 25°C.


Similar Part No. - OPA130UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA130UA BURR-BROWN-OPA130UA Datasheet
289Kb / 7P
   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA130UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA130 BURR-BROWN-OPA130 Datasheet
289Kb / 7P
   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
   LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
Texas Instruments
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
Texas Instruments
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com