Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65009-21 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY65009-21
Description  250 - 2500 MHz Linear Power Amplifier Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65009-21 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY65009-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65009-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PRELIMINARY DATA SHEET • SKY65009 PA DRIVER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200404C • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • November 2, 2006
5
S671
–5
0
+5
+10
+15
+20
+25
+30
–15
–10
–5
0
+5
+10
+15
PIN (dBm)
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
POUT
PAE
Figure 5. Typical Small Signal Gain and PAE (1960 MHz OIP3 Match)
–70
–65
–60
–55
–50
–45
–40
10
11
12
13
14
15
16
17
18
19
20
21
POUT (dBm)
S672
Figure 6. Typical ACPR vs POUT @ 900 MHz
(IS-95 Signal With 9 Forward Channels)
–70
–75
–65
–60
–55
–50
–45
–40
10
11
12
13
14
15
16
17
18
19
20
21
22
POUT (dBm)
S673
Figure 7. Typical ACPR vs POUT @ 1960 MHz
(IS-95 Signal With 9 Forward Channels)


Similar Part No. - SKY65009-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65009-70LF SKYWORKS-SKY65009-70LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65009-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
   1400 - 2500 MHz Linear Power Amplifier Driver
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
logo
Advanced Semiconductor ...
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
   250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601 Datasheet
759Kb / 13P
   250-2500 MHz MMIC Amplifier
December 2010
ASX501 ASB-ASX501_17 Datasheet
1Mb / 15P
   250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX501 ASB-ASX501 Datasheet
804Kb / 14P
   250-2500 MHz MMIC Amplifier
September 2010
logo
Skyworks Solutions Inc.
SKY65008 SKYWORKS-SKY65008 Datasheet
142Kb / 11P
   250 - 2700 MHz Linear, Low Current Power Amplifier Driver
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com