Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65135 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY65135
Description  WLAN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65135 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY65135 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65135 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200436D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • March 28, 2007
1
DATA SHEET
SKY65135: WLAN Power Amplifier
Applications
• IEEE802.11 b/g WLAN
• ISM band
• WCS fixed wireless
• Wireless access nodes
Features
• Linear output power of +31 dBm for IEEE802.11b mask
• Linear output power of +30 dBm for IEEE802.11g mask
• Three percent EVM at POUT >+27 dBm
• High gain of 33 dB
• Output power detector: 20 dB dynamic range
• Superior gain flatness
• Internal RF match and bias circuits
• Small footprint, MCM (20-pin, 6 x 6 mm) Pb-free (MSL3, 250 °C
per JEDEC J-STD-020) SMT package
Skyworks offers lead (Pb)-free RoHS (Restriction of
Hazardous Substances) compliant packaging.
Description
Skyworks SKY65135 is a Microwave Monolithic Integrated Circuit
(MMIC) Power Amplifier (PA) with superior output power, linearity,
and efficiency. These features make the SKY65135 ideal for
Wireless Local Area Network (WLAN) applications.
The device is fabricated using Skyworks high reliability Indium
Gallium Phosphide (InGaP) Heterojunction Bipolar Transistor (HBT)
technology. The device is internally matched and mounted in a
20-pin, 6 x 6 mm Multi-Chip Module (MCM) Surface-Mounted
Technology (SMT) package, which allows for a highly
manufacturable low cost solution.
The device package and pinout for the 20-pin MCM are shown in
Figure 1. A block diagram of the SKY65135 is shown in Figure 2.
GND
1
2
3
4
5
6
16
15
14
13
12
11
78
9
10
20
19
18
17
GND
GND
VC_BIAS
VREF1
VREF2
VCC1
VCC_DET
V_DET
VCC2
VDET_CNTL
VCC3
S414
Figure 1. SKY65135 Pinout – 20-Pin MCM
(Top View)


Similar Part No. - SKY65135

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65135

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
logo
ANADIGICS, Inc
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com