Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65028-70LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY65028-70LF
Description  450 MHz-2.5 GHz Linear Power Amplifier Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65028-70LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  SKY65028-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65028-70LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
July 31, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200445 Rev. B
DATA SHEET • SKY65028-70LF
6
Evaluation Board Description
The Skyworks SKY65028-70LF Evaluation Board is used to test
the performance of the SKY65028-70LF power amplifier driver.
The following design considerations are general in nature and
must be followed regardless of final use or configuration.
1. Paths to ground should be made as short as possible.
2. The ground pad of the SKY65028-70LF power amplifier has
special electrical and thermal grounding requirements. This pad
is the main thermal conduit for heat dissipation. Since the circuit
board acts as the heat sink, it must shunt as much heat as pos-
sible from the amplifier. As such, design the connection to the
ground pad to dissipate the maximum wattage produced to the
circuit board. Multiple vias to the grounding layer are required.
NOTE: Junction temperature (TJ) of the device increases with a
poor connection to the slug and ground. This reduces the
lifetime of the device.
Testing Procedure
Use the following procedure to set up the SKY65028-70LF
Evaluation Board for testing:
1. Connect a 5.0 V supply to VCC. If available, enable the current
limiting function of the power supply to 240 mA.
2. Connect a signal generator to the RF signal input port. Set it to
the desired RF frequency at a power level of -15 dBm or less
to the evaluation board but do NOT enable the RF signal.
3. Connect a spectrum analyzer to the RF signal output port.
4. Enable the power supply.
5. Enable the RF signal.
6. Take measurements.
CAUTION: If any of the output signals exceed the rated maximum
values, the SKY65028-70LF evaluation board can be
permanently damaged.
R3
R2
R1
C7
C1 C2
C3
C8
C9
C5
C6
C4
L2
L1
J1 (RF In)
JP1
J2 (RF Out)
Evaluation Board Assembly
Layer 3: Ground
Layer 4: Solid Ground Plane
Layer 1: Top - Metal
Layer 2: Ground
Evaluation Board Layer Detail


Similar Part No. - SKY65028-70LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65008 SKYWORKS-SKY65008 Datasheet
142Kb / 11P
   250 - 2700 MHz Linear, Low Current Power Amplifier Driver
More results

Similar Description - SKY65028-70LF

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
   450-2200 MHz 4 Watt Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
   450-480 MHz 50 Watt Ultra Linear Power Amplifier
logo
ANADIGICS, Inc
AWT6136 ANADIGICS-AWT6136 Datasheet
220Kb / 12P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6388 ANADIGICS-AWT6388 Datasheet
463Kb / 8P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6136 ANADIGICS-AWT6136_08 Datasheet
401Kb / 9P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com