Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65113-84LF Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY65113-84LF
Description  Linear Power Amplifier Driver, 1.0 W 400-2300 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65113-84LF Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY65113-84LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65113-84LF Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
December 19, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200454 Rev. B
PRELIMINARY DATA SHEET • SKY65113-84LF
8
Evaluation Board Schematic
1
2
3
4
8
7
6
5
Exposed
Paddle
RF In
RF Out
VREF
IREF
VCC
R2
R3
L4
C8
C12
C11
C7
C9
C6
R4
C5
C10
N/C
M1
M3
M4
M6
M8
M2
M5
M7
Component
450 MHz
940 MHz
1960 MHz
2140 MHz
R1
NA
NA
51
Ω
51
Ω
R2
51
Ω
51
Ω
51
Ω
51
Ω
R3
51
Ω
51
Ω
820
Ω
820
Ω
R4
820
Ω
820
Ω
NA
NA
L4
82 nH (0805)
82 nH (0805)
47 nH (0603)
47 nH (0603)
C5
NA
NA
NA
NA
C6
NA
NA
NA
NA
C7
100 pF
22 pF
10 pF
10 pF
C8
2.2 µF
0.1 µF
0.1 µF
0.1 µF
C9
2.2 µF
0.1 µF
0.1 µF
0.1 µF
C10
10 µF
2.2 µF
2.2 µF
2.2 µF
C11
10 µF
4 µF
4 µF
4 µF
C12
10 µF
4 µF
4 µF
4 µF
M1
33 nH
10 nH
100 pF
100 pF
M2
3.9 pF
3.9 pF
2.2 pF
2.2 pF
M3
10 nH
10 nH
NA
NA
M4
10
Ω
0
Ω
NA
NA
M5
5.6 nH
0
Ω
NA
NA
M6
5.6 nH
1.5 nH
NA
NA
M7
18 pF
8.2 pF
3.9 pF
3.9 pF
M8
1000 pF
100 pF
100 pF
100 pF
Evaluation Board Component Values vs. Frequency


Similar Part No. - SKY65113-84LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
2Mb / 16P
   ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65112-84LF SKYWORKS-SKY65112-84LF Datasheet
756Kb / 11P
   Linear Power Amplifier Driver, 0.5 W 400-2300 MHz
SKY65116 SKYWORKS-SKY65116 Datasheet
2Mb / 14P
   390-500 MHz Linear Power Amplifier
SKY65116 SKYWORKS-SKY65116 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65113-84LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65112-84LF SKYWORKS-SKY65112-84LF Datasheet
756Kb / 11P
   Linear Power Amplifier Driver, 0.5 W 400-2300 MHz
logo
Tyco Electronics
PA1159 MACOM-PA1159 Datasheet
61Kb / 1P
   2300-2400 MHz. Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM1923-41 STEALTH_MICROWAVE-SM1923-41 Datasheet
190Kb / 2P
   1900-2300 MHz 12W Linear Power Amplifier
SM2023-41L STEALTH_MICROWAVE-SM2023-41L Datasheet
90Kb / 2P
   2000-2300 MHz 12W Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com