Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13290-313LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY13290-313LF
Description  PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13290-313LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY13290-313LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13290-313LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13290-313LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13290-313LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13290-313LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13290-313LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200488 Rev. D • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • April 27, 2007
1
SKY13290-313LF: PHEMT 10 W SPDT Switch
500 MHz–2.5 GHz
DATA SHEET
Features
G
Broadband: 500 MHz–2.5 GHz
G
Very low insertion loss: 0.4 dB typ. @ 900 MHz
G
High isolation: 26 dB typ. @ 900 MHz
G
High input power compression: 0.1 dB at > 40 dBm
G
Low current consumption: <100 µA @ 3 V
G
Miniature QFN-6 2 x 3 mm package
G
Lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C per
JEDEC J-STD-020
Description
The SKY13290-313LF is a PHEMT IC high-power SPDT switch.
This high-power switch has been designed for use from
500 MHz–2.5 GHz, where low loss, high isolation, low control
voltage and ultraminiature package size are required. It can be
controlled with positive, negative or a combination of both
voltages. The RF signal paths within the SKY13290-313LF
are fully bilateral.
Some standard implementations include T/R switching for
telematic applications at elevated power levels.
Switching is controlled via two control voltage inputs. Depending
upon the voltage level applied to the control voltage pins, the
common RF port (J1) is connected to one of two RF ports (J2
or J3) via a low insertion loss path, while the path between J1
and the other RF port is in its isolation state. When the control
voltages are toggled, the states between J1 and J2, as well as
J1 and J3, are also toggled.
The SKY13290-313LF is available in a lead (Pb)-free,
RoHS-compliant, QFN-6 2 x 3 mm plastic package.
An evaluation board is available upon request.
V1
J1
V2
J2
J3
Functional Block Diagram
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW


Similar Part No. - SKY13290-313LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13292-365LF SKYWORKS-SKY13292-365LF Datasheet
1Mb / 14P
   4 x 2 Switch Matrix with Tone/Voltage Decoder 250 MHz-2.15 GHz
SKY13296-340LF SKYWORKS-SKY13296-340LF Datasheet
418Kb / 6P
   GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
SKY13298-360LF SKYWORKS-SKY13298-360LF Datasheet
455Kb / 5P
   GaAs SP2T Switch for Ultra Wideband (UWB) 3 - 8 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
277Kb / 5P
   GaAs SPDT 7 W Switch 100 MHz-4 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13290-313LF

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92 ALPHA-AS183-92 Datasheet
38Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS182-73 ALPHA-AS182-73 Datasheet
39Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS183-92 SKYWORKS-AS183-92 Datasheet
168Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS169-73 SKYWORKS-AS169-73 Datasheet
144Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
SKY13278-313LF SKYWORKS-SKY13278-313LF Datasheet
261Kb / 6P
   GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
   GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13277-355LF SKYWORKS-SKY13277-355LF Datasheet
330Kb / 6P
   GaAs SP3T Absorptive Switch 500 MHz-2.5 GHz
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1?? GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com