Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65230-11 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY65230-11
Description  WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65230-11 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY65230-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY65230-11 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DATA SHEET • SKY65230-11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200547 Rev. F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 7, 2007
11
Solder Mask
Package Outline
0.20 X 45
Pin 48
Pin 1
48X 0.6 mm
10.44 mm
L
C
0.425 mm
14.44 mm
0.85 mm Typ.
L
C
48X 0.85 mm
2X 1.525 mm
2X 1.875 mm
2X 4.075 mm
6X 2.1 mm
6X 5 mm
2.2 mm Typ.
6X 0.725 mm
0.425 mm
8X 2.3 mm
2 mm Typ.
Recommended Footprint
Pin 47
Pin 1
10.34 mm
24X 0.5 mm
24X 0.75 mm
0.425 mm
0.85 mm Typ.
0.35 mm
14.34 mm
0.25 mm
Typ.
0.175 mm
Typ.
CL
1.4 mm
1.4 mm
0.7 mm
Thermal Via Array
0.3 mm on 0.7 mm Pitch
Pad Will Improve Thermal Performance
Additional Vias in Common Ground
CL
0.7 mm
0.35mm
Thermal vias should be tented and filled with solder mask 30–35 µm
copper plating recommended.
Stencil Pattern
10.34 mm
14.34 mm
48X 0.75 mm
48X 0.5 mm
0.425 mm
0.85 mm Typ.
0.20 X 45 mm
0.425 mm
6X 2.1 mm
6X 5 mm
8X 2.3 mm
CL
L
C
2X 2.975 mm
Package
Outline
Stencil Aperture
Size of 80–100%
of the Module/Pkg.
Solder Mask Openings


Similar Part No. - SKY65230-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
More results

Similar Description - SKY65230-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
   WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
SKY65249-11 SKYWORKS-SKY65249-11 Datasheet
365Kb / 10P
   WLAN 802.11b, g, n Intera Front-End Module
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com