Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65228-11 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY65228-11
Description  WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65228-11 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65228-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SKY65228-11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200557 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 14, 2007
3
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Control voltage - ON state
VCTL_on
3
3.3
3.6
V
Control voltage - OFF state
VCTL_off
0
0.2
V
Control current - ON state
ICTL_on
RF ON
10
75
uA
Control current - ON state
ICTL_on
RF OFF
2
20
uA
Switch Characteristics
Conditions: VCC = 3.3 V, TOP = 25 ºC. Measurements made on Skyworks EVB with all losses de-embedded.
All unused ports terminated into 50
Ω unless otherwise specified.
Mode
VCC
PU0a
Rx0a
Tx0a
PU1a
Rx1a
Tx1a
Sleep
3.3
00
0
0
0
0
T0a - ANT0
3.3
3.3
0
3.3
00
0
R0a - ANT0
3.3
0
3.3
00
0
0
T1a - ANT1
3.3
00
0
3.3
0
3.3
R1a - ANT1
3.3
00
0
0
3.3
0
802.11n Operation
T0a - ANT0 & T1a - ANT1
3.3
3.3
0
3.3
3.3
0
3.3
R0a - ANT0 & R1a - ANT1
0 or 3.3
0
3.3
00
3.3
0
Mode Control Voltage Table (V)
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This
device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the
human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be employed
at all times.


Similar Part No. - SKY65228-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
More results

Similar Description - SKY65228-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65230-11 SKYWORKS-SKY65230-11 Datasheet
411Kb / 13P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
SKY65249-11 SKYWORKS-SKY65249-11 Datasheet
365Kb / 10P
   WLAN 802.11b, g, n Intera Front-End Module
logo
Qorvo, Inc
RFFM8506 QORVO-RFFM8506 Datasheet
591Kb / 10P
   4.9 GHz to 5.85 GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com