Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY73032-11 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY73032-11
Description  700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73032-11 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY73032-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73032-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200625A • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • February 15, 2007
1
PRELIMINARY DATA SHEET
SKY73032: 700 – 1000 MHz High Gain and Linearity Single
Downconversion Mixer for 2G/3G Base Station Transceiver
Applications
Applications
• 2G/3G base station transceivers:
− GSM/EDGE, CDMA, UMTS/WCDMA, iDEN
• Land mobile radio
• ISM band transceivers
• High performance radio links
• RF identification
Features
• Operating frequency range: 700 to 1000 MHz
• IF frequency range: 40 to 300 MHz
• Conversion gain: 8.9 dB
• Input IP3: 26.5 dBm
• Output IP3: 35.4 dBm
• Noise figure: 9.1 dB
• Integrated LO drivers
• Integrated low loss RF baluns
• High linearity IF amplifiers
• On-chip SPDT LO switch (greater than 40 dB LO-to-LO isolation)
• Small, MCM (20-pin, 5 x 5 mm) Pb-free package (MSL3, 260 °C
per JEDEC J-STD-020)
Skyworks offers lead (Pb)-free RoHS (Restriction of
Hazardous Substances) compliant packaging.
Description
The SKY73032 is a fully integrated single mixer that includes
Local Oscillator (LO) drivers, an LO switch, high linearity mixers,
and large dynamic range Intermediate Frequency (IF) amplifiers.
Low loss RF baluns have also been included to reduce design
complications and lower system cost.
The SKY73032 features an input IP3 of 26.5 dBm and a Noise
Figure (NF) of 9.1 dB, making the device an ideal solution for high
dynamic range systems such as 2G/3G base station receivers.
The LO switch provides more than 40 dB of isolation between LO
inputs and supports the switching time required for GSM/EDGE
base stations.
The SKY73032 is manufactured using a robust silicon BiCMOS
process and has been designed for optimum long-term reliability.
The SKY73032 single downconversion mixer is provided in a
compact, 20-pin 5 x 5 mm Multi-Chip Module (MCM). A functional
block diagram is shown in Figure 1. The pin configuration and
package are shown in Figure 2. Signal pin assignments and
functional pin descriptions are provided in Table 1.
S937
RF
LO1
VCC_LO
LO2
LO_SEL
Figure 1. SKY73032 Block Diagram


Similar Part No. - SKY73032-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73032-11 SKYWORKS-SKY73032-11_09 Datasheet
229Kb / 14P
   700 ??1000 MHz High Gain and Linearity Single Downconversion Mixer
More results

Similar Description - SKY73032-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73033 SKYWORKS-SKY73033 Datasheet
429Kb / 11P
   1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73035 SKYWORKS-SKY73035 Datasheet
413Kb / 10P
   2300 - 2700 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73033-11 SKYWORKS-SKY73033-11_09 Datasheet
235Kb / 14P
   1700 ??2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73021 SKYWORKS-SKY73021_08 Datasheet
367Kb / 18P
   1700 ??2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
   390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
   1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73023 SKYWORKS-SKY73023 Datasheet
281Kb / 10P
   1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com