Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6935 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6935
Description  TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6935 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6935 Datasheet HTML 1Page - Sanyo Semicon Device MCH6935 Datasheet HTML 2Page - Sanyo Semicon Device MCH6935 Datasheet HTML 3Page - Sanyo Semicon Device MCH6935 Datasheet HTML 4Page - Sanyo Semicon Device MCH6935 Datasheet HTML 5Page - Sanyo Semicon Device MCH6935 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCH6935
No.8039-3/6
[TR]
[TR]
[TR]
[TR]
0
0
--200
--100
IC -- VCE
IT05049
IT05051
IT05050
--400
--300
--600
--500
--700
--200
--600
--400
--800
--1000
--100
--500
--300
--700
--900
0
0
IC -- VBE
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--200
--800
--500
--700
--400
--300
--600
--100
3
100
hFE -- IC
--1.0
2
3
5
7 --10
2
3
5
7
2
3
5
7
--100
--1000
2
3
5
1000
7
5
7
IB=0µA
--500
µA
--1mA
--2mA
--5mA
--3mA
--7mA
--10mA
--15mA
--30mA
--20mA
--25mA
VCE= --2V
VCE= --2V
Ta=75°C
25°C
--25°C
IT05054
--1.0
VCE(sat) -- IC
23
5
7 --10
23
5
7
23
5
7
--100
--1000
--1000
--100
2
3
5
7
2
3
5
7
--10
Ta=75
°C
--25
°C
25°
C
IC / IB=20
[TR]
[TR]
5
7
IT05055
VCE(sat) -- IC
--1.0
23
5
7 --10
23
5
7
23
5
7
--100
--1000
IT05056
VBE(sat) -- IC
3
--1.0
2
3
2
Ta= --25°C
75°C
25
°C
--1.0
23
5
7 --10
23
5
7
23
5
7
--100
--1000
--10
3
--1000
2
2
3
5
7
2
3
5
7
--100
Ta=75
°C
--25
°C
25°
C
IC / IB=50
IC / IB=20
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector-to-Emitter Voltage, VCE -- mV
Base-to-Emitter Voltage, VBE -- V
Switching Time Test Circuit
VR
RB
VCC= --12V
VBE=5V
+
+
50Ω
INPUT
OUTPUT
RL
220µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
IC=20IB1= --20IB2= --300mA
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID=80mA
RL=187.5Ω
VDD=15V
VOUT
MCH6935
VIN
4V
0V
VIN


Similar Part No. - MCH6935

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6931 SANYO-MCH6931 Datasheet
77Kb / 6P
   MCH6931
MCH6933 SANYO-MCH6933 Datasheet
70Kb / 6P
   MCH6933
MCH6937 SANYO-MCH6937 Datasheet
70Kb / 6P
   TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
More results

Similar Description - MCH6935

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6937 SANYO-MCH6937 Datasheet
70Kb / 6P
   TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
MCH6124 SANYO-MCH6124 Datasheet
246Kb / 4P
   PNP Epitaxial Planar Silicon Transistor Load Switch Applications
logo
Panasonic Semiconductor
XN09D57 PANASONIC-XN09D57 Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
XN09D58 PANASONIC-XN09D58 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
XN09D61 PANASONIC-XN09D61 Datasheet
107Kb / 5P
   Silicon PNP epitaxial planar type (Tr) / Silicon epitaxial planar type (SBD)
logo
Sanyo Semicon Device
ECH8901 SANYO-ECH8901 Datasheet
369Kb / 6P
   PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
FP208 SANYO-FP208 Datasheet
98Kb / 3P
   PNP Epitaxial Planar Silicon Transistor Driver Applications
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N_15 Datasheet
1Mb / 4P
   Silicon Epitaxial Planar Power Management
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
   SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
logo
Sanyo Semicon Device
VEC2904 SANYO-VEC2904 Datasheet
75Kb / 6P
   PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com