Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD241C Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # BD241C
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD241C Datasheet(HTML) 3 Page - Power Innovations Ltd

  BD241C Datasheet HTML 1Page - Power Innovations Ltd BD241C Datasheet HTML 2Page - Power Innovations Ltd BD241C Datasheet HTML 3Page - Power Innovations Ltd BD241C Datasheet HTML 4Page - Power Innovations Ltd BD241C Datasheet HTML 5Page - Power Innovations Ltd BD241C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
JUNE 1973 - REVISED MARCH 1997
BD241, BD241A, BD241B, BD241C
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·01
0·1
1·0
10
10
100
1000
TCS631AH
V
CE = 4 V
t
p = 300 µs, duty cycle < 2%
T
C = 25°C
T
C = 80°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - mA
0·1
1·0
10
100
1000
0·01
0·1
1·0
10
TCS631AB
I
C = 100 mA
I
C = 300 mA
I
C = 1 A
I
C = 3 A
BASE-EMITTER VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·01
0·1
1·0
10
0·5
0·6
0·7
0·8
0·9
1·0
TCS631AC
V
CE = 4 V
T
C = 25°C


Similar Part No. - BD241C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD241C MOSPEC-BD241C Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
Rectron Semiconductor
BD241C RECTRON-BD241C Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
BD241C MOTOROLA-BD241C Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD241C ONSEMI-BD241C Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
BD241C ONSEMI-BD241C Datasheet
108Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Similar Description - BD241C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com