Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB10015M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB10015M
Description  Low IR Schottky Barrier Diode 15V, 1.0A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10015M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB10015M Datasheet HTML 1Page - Sanyo Semicon Device SB10015M Datasheet HTML 2Page - Sanyo Semicon Device SB10015M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB10015M
No. A0444-2/3
Package Dimensions
Electrical Connection
unit : mm (typ)
7019A-001
trr Test Circuit
1 : Anode
2 : No Contact
3 : Cathode
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
Duty
≤10%
50
100
10
--5V
trr
10
µs
0
0.2
0.3
0.1
0.4
0.5
0.7
0.6
2
5
7
3
2
0.01
2
5
7
3
0.1
0.001
IT11204
IT11205
0
0.0001
0.01
0.001
0.1
1.0
10
10000
100
1000
2
4
6
8
10
12
16
14
Ta=150
°C
100
°C
125
°C
75
°C
50
°C
25
°C
0
°C
--25°C
(2) (4) (3)
(1)
0
0
0.2
0.6
0.7
0.5
0.1
0.4
0.3
0.2
0.4
0.6
0.8
1.0
1.2
IT11206
(4)
(3)
(1)
08
16
10
12
14
6
4
2
(2)
IT11207
4.0E--0.6
0.0E+00
2.0E--0.6
6.0E--0.6
8.0E--0.6
1.0E--0.5
1.2E--0.5
2
5
7
3
3
1.0
IF -- VF
Forward Voltage, VF -- V
IR -- VR
Reverse Voltage, VR -- V
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Average Output Current, IO -- A
PF(AV) -- IO
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
PR(AV) -- VRM
Peak Reverse Voltage, VRM -- V
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
180
°
360
°
VR
Sine wave
θ
360
°
VR
Rectangular
wave
3
2
1
1 : Anode
2 : No Contact
3 : Cathode
Top view


Similar Part No. - SB10015M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB10015M ONSEMI-SB10015M Datasheet
748Kb / 4P
   Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB10015M-TL-E SANYO-SB10015M-TL-E Datasheet
475Kb / 6P
   15V, 1.0A Rectifi er
logo
ON Semiconductor
SB10015M-TL-E ONSEMI-SB10015M-TL-E Datasheet
748Kb / 4P
   Schottky Barrier Diode
June, 2014
SB10015M-TL-W ONSEMI-SB10015M-TL-W Datasheet
748Kb / 4P
   Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB10015M SANYO-SB10015M_12 Datasheet
475Kb / 6P
   15V, 1.0A Rectifi er
More results

Similar Description - SB10015M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBE817 SANYO-SBE817 Datasheet
59Kb / 4P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS011 SANYO-SBS011 Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 150mA Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com