Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBH0204R Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SBH0204R
Description  Schottky Barrier Diode 40V, 0.2A Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBH0204R Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SBH0204R Datasheet HTML 1Page - Sanyo Semicon Device SBH0204R Datasheet HTML 2Page - Sanyo Semicon Device SBH0204R Datasheet HTML 3Page - Sanyo Semicon Device SBH0204R Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBH0204R
No. A0915-1/4
Features
Supports automatic mounting and permits SBH0204R applied sets to be made smaller.
Low forward voltage (VF max=0.54V).
Average output current : IO=0.2A.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Peak Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Average Output Current
IO
0.2
A
Surge Forward Current
IFSM
60Hz sine wave, 1cycle
4
A
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--40 to +125
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
IF=0.01A
0.30
V
Forward Voltage
VF
IF=0.1A
0.45
V
IF=0.2A
0.54
V
Reverse Current
IR
VR=10V
20
µA
VR=40V
90
µA
Marking : S
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0915
90507RS TI IM TC-00000860
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
SBH0204R
Schottky Barrier Diode
40V, 0.2A Rectifier


Similar Part No. - SBH0204R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
More results

Similar Description - SBH0204R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBM0204R SANYO-SBM0204R Datasheet
48Kb / 4P
   Schottky Barrier Diode 40V, 0.2A Rectifier
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
logo
GTM CORPORATION
GBAS40 GTM-GBAS40 Datasheet
216Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V,CURRENT 0.2A
G401SD GTM-G401SD Datasheet
198Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
   0.2A, Schottky Barrier Diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
   0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
   0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM02U30CSP DIODES-SDM02U30CSP Datasheet
480Kb / 5P
   0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
SDM0230CSP DIODES-SDM0230CSP Datasheet
250Kb / 4P
   0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com