Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS11035 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PS11035
Description  Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS11035 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PS11035 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS11035
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
Condition
Symbol
Item
Ratings
Unit
(Note 2)
(Fig. 3)
60 Hz sinusoidal AC applied between all terminals and
the base plate for 1 minute.
Mounting screw: M4
Tj
Tstg
TC
VISO
Junction temperature
Storage temperature
Module case operating temperature
Isolation voltage
Mounting torque
–20 ~ +125
–40 ~ +125
–20 ~ +100
2500
0.98 ~ 1.47
°C
°C
°C
Vrms
N·m
TOTAL SYSTEM
(Note 2) : The indicated values are specified considering the safe operation of all the parts within the ASIPM. The max. ratings for the ASIPM
power chips (IGBT & FWDi) is Tj < 150.
Condition
Symbol
Item
Ratings
Inverter IGBT (1/6)
Inverter FWDi (1/6)
Converter Di (1/6)
Case to fin thermal, grease applied (1 Module)
Rth(jc)Q
Rth(jc)F
Rth(jc)FR
Rth(cf)
Junction to case Thermal
Resistance
Contact Thermal Resistance
Min.
°C/W
°C/W
°C/W
°C/W
THERMAL RESISTANCE
Typ.
Max.
2.3
3.1
4.8
0.074
Unit
Short circuit endurance
(Output, Arm, and Load Short Circuit Modes)
Switching SOA
Tj = 25°C, Input = ON, Ic = 20A, VD = VDB = 15V
(Shunt voltage drop not included)
Tj = 25°C, –IC = 20A
Tj = 25°C, IFR = 10A
VR = VRRM, Tj = 125°C
1/2 Bridge inductive, Input = 5V
↔ 0V
VCC = 300V, IC = 20A, Tj = 125°C
VD = 15V, VDB = 15V
Note: ton, toff include delay time of the internal control
circuit.
Condition
Symbol
Item
Ratings
Min.
V
V
V
mA
µs
µs
µs
µs
µs
Typ.
Max.
0.3
0.6
0.5
1.6
0.5
0.12
2.9
2.9
1.5
8
1.5
1.0
2.5
1.3
Unit
@VCC
≤ 400V, Input = 5V → 0V (One-Shot)
–20°C
≤ Tj (start) ≤ 125°C, 13.5V ≤ VD = VDB ≤ 16.5V
@VCC
≤ 400V, Input = 5V ↔ 0V, Tj ≤ 125°C
IC < OC trip level, 13.5V
≤ VD = VDB ≤ 16.5V
• No destruction
• FO output by protection operation
• No destruction
• No protecting operation
• No FO output
ELECTRICAL CHARACTERISTICS (Tj = 25°C, VD = 15V, VDB = 15V unless otherwise noted)
Collector-emitter saturation
voltage
FWDi forward voltage
Converter diode voltage
Converter diode reverse current
Switching times
FWDi reverse recovery time
VCE(sat)
VEC
VFR
IRRM
ton
tc(on)
toff
tc(off)
trr
(Fig. 3)
TC
CASE TEMPERATURE MEASUREMENT POINT


Similar Part No. - PS11035

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
logo
List of Unclassifed Man...
PS11035 ETC1-PS11035 Datasheet
254Kb / 3P
   Patch Lead - CAT 5E
More results

Similar Description - PS11035

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
   Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11033 MITSUBISHI-PS11033 Datasheet
118Kb / 5P
   Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11034 MITSUBISHI-PS11034 Datasheet
118Kb / 5P
   Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
PS11037 MITSUBISHI-PS11037 Datasheet
97Kb / 5P
   Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12033 MITSUBISHI-PS12033 Datasheet
75Kb / 5P
   Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12034 MITSUBISHI-PS12034 Datasheet
75Kb / 5P
   Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
PS12015-A MITSUBISHI-PS12015-A Datasheet
273Kb / 6P
   Acoustic noise-less 1.5kW/AC400V Class 3 Phase inverter and other motor control applications
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
PS12036 MITSUBISHI-PS12036 Datasheet
75Kb / 5P
   Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com