Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS12018-A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PS12018-A
Description  Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS12018-A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PS12018-A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS12018-A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS12018-A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS12018-A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS12018-A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS12018-A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS12018-A
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
SC delay time
Short circuit sensing signal VS
Error output FO1
Gate signal Vo of each phase
upper arm(ASIPM internal)
Input signal VCIN of each phase
upper arm
0V
0V
0V
0V
0V
0V
0V
0V
0V
Input signal VCIN(p) of each phase upper arm
Input signal VCIN(n) of each phase lower arm
Gate signal Vo(p) of each phase upper arm
(ASIPM internal)
Gate signal Vo(n) of each phase upper arm
(ASIPM internal)
Error output FO1
200
–200
Analogue output signal
data hold range
1
2
3
4
5
400
300
100
0
–100
–300
–400
0
VC+(200%)
VC0
VC
(200%)
VC+
VC
min
max
Real load current peak value.(%)(Ic=Io! 2)
VDH=15V
VDL=5V
TC=
20~100˚C
Note : Input interlock protection circuit ; It is operated when the input signals for any upper-arm / lower-arm pair of a phase are simulta-
neously in “LOW” level.
By this interlocking, both upper and lower IGBTs of this mal-triggered phase are cut off, and “FO” signal is outputted. After an “input
interlock” operation the circuit is latched. The “FO” is reset by the high-to-low going edge of either an upper-leg, or a lower-leg input,
whichever comes in later.
Note : Shor t circuit protection operation. The protection operates with “FO” flag and reset on a pulse-by-pulse scheme. The protection by
gate shutdown is given only to the IGBT that senses an overload (excluding the IGBT for the “Brake”).
Fig. 4 OUTPUT CURRENT ANALOGUE SIGNALING
LINEARITY
Fig. 5 OUTPUT CURRENT ANALOGUE SIGNALING
“DATA HOLD” DEFINITION
Fig. 7 TIMING CHART AND SHORT CIRCUIT PROTECTION OPERATION
Fig. 6 INPUT INTERLOCK OPERATION TIMING CHART
VCH(5
µs)
VCH(505
µs)
0V
VC
500
µs
rCH=
VCH(505
µs)-VCH(5µs)
VCH(5
µs)
Note ; Ringing happens around the point where the signal output
voltage changes state from “analogue” to “data hold” due
to test circuit arrangement and instrumentational trouble.
Therefore, the rate of change is measured at a 5
µs delayed point.


Similar Part No. - PS12018-A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS12018-A POWEREX-PS12018-A Datasheet
393Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
More results

Similar Description - PS12018-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11011 MITSUBISHI-PS11011 Datasheet
413Kb / 6P
   Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
PS11012 MITSUBISHI-PS11012 Datasheet
285Kb / 6P
   Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
PS11013 MITSUBISHI-PS11013 Datasheet
414Kb / 6P
   Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
PS12032 MITSUBISHI-PS12032 Datasheet
79Kb / 5P
   Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com