Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21267-P-AP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PS21267-P-AP
Description  AC100V~200V three-phase inverter drive for small power motor control.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21267-P-AP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PS21267-P-AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21267-P-AP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21267-P/AP
TRANSFER-MOLD TYPE
INSULATED TYPE
Oct. 2005
Note 6 :
+
+
Measurement point
Heat sink
Heat sink
3mm
Place to contact
a heat sink
Mounting screw : M4
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.98
–50
Unit
54
1.47
100
N·m
g
µm
Recommended : 1.18 N·m
(Note 6)
V
V
V
V/µs
µs
kHz
Arms
µs
V
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
PWM input frequency
Allowable r.m.s. current
Minimum input pulse width
VNC variation
Applied between P-N
Applied between VP1-VPC, VN1-VNC
Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
For each input signal, TC ≤ 100°C
TC ≤ 100°C, Tj ≤ 125°C
VCC = 300V, VD = VDB = 15V,
P.F = 0.8, sinusoidal PWM
TC ≤ 100°C, Tj ≤ 125°C (Note 7)
(Note 8)
200 ≤ VCC ≤ 350V,
13.5 ≤ VD ≤ 16.5V,
13.0 ≤ VDB ≤ 18.5V,
–20°C ≤ TC ≤ 100°C,
N-line wiring inductance less
than 10nH
(Note 9)
between VNC-N (including surge)
400
16.5
18.5
1
20
19.0
11.6
5.0
VCC
VD
VDB
∆VD, ∆VDB
tdead
fPWM
IO
PWIN(on)
PWIN(off)
VNC
Condition
Symbol
Parameter
Recommended value
Min.
Typ.
Max.
0
13.5
13.0
–1
2
0.3
1.5
3.0
3.6
–5.0
Unit
RECOMMENDED OPERATION CONDITIONS
300
15.0
15.0
fPWM = 5kHz
fPWM = 15kHz
Below rated current
Between rated current and
1.7 times of rated current
Between 1.7 times and
2.0 times of rated current
Note 7 : The Allowable r.m.s. current value depends on the actual application conditions.
8: Input signal with ON pulse width less than PWIN(on) might make no response.
9: IPM might make no response or response delay to next turn-on pulse if off-pulse width is less than PWIN(off). (Please refer to Fig. 4)
Please refer to Fig. 9 for recommended wiring method too.


Similar Part No. - PS21267-P-AP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21267-P POWEREX-PS21267-P Datasheet
536Kb / 8P
   Intellimod Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results

Similar Description - PS21267-P-AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21661-FR MITSUBISHI-PS21661-FR Datasheet
540Kb / 10P
   AC100V~200V, three-phase inverter drive for small power motor control.
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control.
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
   AC100V~200V inverter drive for small power motor control
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com