Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBS011 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBS011
Description  Schottky Barrier Diode 15V, 150mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBS011 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBS011 Datasheet HTML 1Page - Sanyo Semicon Device SBS011 Datasheet HTML 2Page - Sanyo Semicon Device SBS011 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBS011
No.7909-2/3
Package Dimensions
trr Test Circuit
unit : mm
1331
Duty
≤10%
50
100
10
--5V
trr
10
µs
1 : Anode
2 : No Contact
3 : Cathode
SANYO : SSFP
0.25
0.2
1.4
0.45
1
3
2
0.1
C -- VR
IR -- VR
PF(AV) -- IO
IF -- VF
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Average Forward Current, IO -- A
Reverse Voltage, VR -- V
0
1.0
10
0.3
0.4
0.1
0.2
7
5
3
2
7
5
3
2
100
7
5
3
2
7
5
3
2
0.6
0.5
IT06808
IT06810
IT06809
IT06811
1.0
10
2
2
3
5
5
10
7
35
7
2
3
0
0
0.1
0.4
0.2
0.5
0.3
0.1
0.2
0.3
0.7
0.6
0.5
0.4
(1)
(2) (4) (3)
f=1MHz
0
1.0
2
5
3
7
2
5
3
7
2
5
3
7
2
5
3
7
10
100
1000
10000
2
4
6
8
10
12
14
16
Ta=125°
C
25°C
50°C
75°C
100°C
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular wave
180
°
360
°
Sine wave


Similar Part No. - SBS011

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS010M SANYO-SBS010M Datasheet
44Kb / 3P
   SBS010M
More results

Similar Description - SBS011

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
   Schottky Barrier Diode 15V, 500mA Rectifier
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SB10015M SANYO-SB10015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 1.0A Rectifier
SBE817 SANYO-SBE817 Datasheet
59Kb / 4P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com