Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1759 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # AN1759
Description  Add a Non-Volatile Clock to the MC68HC705J1A
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1759 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button AN1759 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 10Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 11Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 12Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 13Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 14Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Application Note
DS1307 Software Interface
AN1759
11
Data Write
Sequence
The first byte transmitted in a write to the DS1307 is its 7-bit identification
code followed by the R/W bit. For writes, this bit will be 0. The next byte
transmitted is the DS1307 address pointer. After this, bytes of data to be
written to the DS1307 RAM are transmitted. After each byte of data is
written, the address pointer is incremented. See Figure 9.
Figure 9. Data Write Sequence
Data Read
Sequence
The first byte transmitted in a read from the DS1307 is its 7-bit
identification code followed by the R/W bit. For reads, this bit will be 1.
Then the DS1307 will begin transmitting data back to the master. As long
as the DS1307 receives clocks and acknowledgments, it keeps
transmitting data. The starting address is the previous address pointer
from the last write transaction. If needed, a write sequence with only an
address can be used to initialize the address pointer for reads.
NOTE:
Remember that for the last byte read, the master sends back a No ACK
to the DS1307.
Figure 10. Data Read Sequence
START
1101000
DS1307 ADDRESSR/W
0 ACK
XXXX,XXXX
ADDRESS POINTER
ACK
XXXX,XXXX
DATA (N)
ACK
XXXX,XXXX
DATA (N+?)
ACK
STOP
START
1101000
DS1307 ADDRESS R/W
1 ACK
XXXX,XXXX
DATA (N)
ACK
XXXX,XXXX
DATA (N+?)
ACK STOP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN1759

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN1750-521P ETC1-AN1750-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
STMicroelectronics
AN1751 STMICROELECTRONICS-AN1751 Datasheet
579Kb / 7P
   EMI Filters: Recommendations and measurements
AN1752 STMICROELECTRONICS-AN1752 Datasheet
118Kb / 14P
   ST72324 QUICK REFERENCE NOTE
AN1753 STMICROELECTRONICS-AN1753 Datasheet
559Kb / 22P
   Software UART using ST7LITE0 12-bit autoreload timer
AN1754 STMICROELECTRONICS-AN1754 Datasheet
135Kb / 19P
   DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
More results

Similar Description - AN1759

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1241 FREESCALE-AN1241 Datasheet
1Mb / 21P
   Interfacing the MC68HC705J1A to 9356/9366 EEPROMs
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338_10 Datasheet
321Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338 Datasheet
436Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
logo
Seiko Instruments Inc
S-24 SII-S-24 Datasheet
857Kb / 15P
   SERIAL NON-VOLATILE RAM
logo
Rohm
BU9831 ROHM-BU9831 Datasheet
149Kb / 13P
   Non-volatile electronic potentiometer
logo
Xilinx, Inc
XCCACE-TQ144 XILINX-XCCACE-TQ144 Datasheet
1Mb / 69P
   Non-volatile system solution
logo
Seiko Instruments Inc
S-22 SII-S-22 Datasheet
656Kb / 12P
   PARALLEL NON-VOLATILE RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com