Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR10070 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SR10070
Description  Ultrathin Miniature Package 1-channel Step-up DC/DC Converter ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SR10070 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SR10070 Datasheet HTML 1Page - Sanyo Semicon Device SR10070 Datasheet HTML 2Page - Sanyo Semicon Device SR10070 Datasheet HTML 3Page - Sanyo Semicon Device SR10070 Datasheet HTML 4Page - Sanyo Semicon Device SR10070 Datasheet HTML 5Page - Sanyo Semicon Device SR10070 Datasheet HTML 6Page - Sanyo Semicon Device SR10070 Datasheet HTML 7Page - Sanyo Semicon Device SR10070 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SR10000 Series
No.0001-4/8
Electrical Characteristics
Overall Operating Characteristics at Ta = 25
°C, in the specified test circuit
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VOUT
VIN=2V, IO=10mA
3.217
3.300
3.383
V
Output voltage setting range
VOSET
VIN=VOSET×0.6, VDD=3.3V, IOUT=10mA
1.5
*2
V
FB control voltage
VFB
0.9
V
Supply voltage
VDD
*3
1.8
10
V
Operation start voltage
VST
IO=1mA
0.9
V
VIN=2V, IO=0mA SR10060
29
41
µA
VIN=2V, IO=0mA SR10030
45
64
µA
VIN=2V, IO=0mA SR10020, SR10070
62
88
µA
Current dissipation
IDD
VIN=2V, IO=0mA SR10040, SR10050
97
137
µA
Standby current
ISTB
VIN=2V, VCE=0V
1
µA
VIN=2V, IO=10mA SR10060
85
100
115
kHz
VIN=2V, IO=10mA SR10030
153
180
207
kHz
VIN=2V, IO=10mA SR10020, SR10070
255
300
345
kHz
Oscillator frequency
FOSC
VIN=2V, IO=10mA SR10040, SR10050
425
500
575
kHz
Efficiency
EFFI
85
%
CE high voltage
VCEH
0.65
V
CE low voltage
VCEL
0.20
V
PWM high voltage
VPWMH
SR10030, SR10060, SR10070 *4
VDD-0.2
V
PWM low voltage
VPWML
SR10030, SR10060, SR10070 *4
VDD-1.0
V
CE high current
ICEH
CE=VDD=3.3V
0.1
µA
CE low current
ICEL
CE=0V
0.1
µA
*2: The output setting maximum voltages are within 1/1.5 times the VDSS of the built-in MOSFET and within 1/1.5
times the VRRM of the Di as a general rule of thumb. As such, it must be verified during actual operation that they
do not exceed the rated voltages.
*3: VDD should be 1.8V or higher when VIN or other power source is supplying VDD since the output voltage and
oscillating frequency become steady when VDD is set 1.8V or higher, although the built-in IC starts step-up voltage
operation from VDD=0.8V.
*4: For models SR10030, SR10060, and SR10070, the CE pin also serves to implement a PWM/PFM external
switching function. When the voltage is VDD-0.2V or more, PWM control is exercised, and when it is VCEH or
more but VDD-1.0V or less, PWM/PFM automatic switching at a duty ratio of 25% is controlled.
Di Characteristics at Ta = 25
°C, in the specified test circuit
Parameter
Symbol
Conditions
min
typ
max
unit
Forward voltage 1
VF1
IF=1A
0.43
0.47
V
Reverse current 1
IR1
SR10020, SR10030
SR10040, SR10060
VR=30V
40
200
µA
Forward voltage 2
VF2
IF=1A
0.30
0.35
V
Reverse current 2
IR2
SR10050, SR10070
VR=6V
600
µA
Pin Functions
Pin No.
Pin Name
Description
1A
GND
Ground pin for IC.
1B, 1C
TR Source
Source pin for TR
1D, 1E, 2D, 2E, 3E
TR Drain, Di Anode
Drain of TR and Anode of Diode
2A, 2B, 2C, 3A, 3B, 3C
4A, 4B, 4C,5B
IC VDD
Supply voltage for IC
3D
IC EXT, TR Gate
Gate for TR
4D, 4E, 5D, 5E
Di Cathode
Cathode of Diode and VOUT
5A
IC CE
Operation starts when chip enable pin is set to “high”. This pin also serves as a
PWM/PFM selector for models SR10030, SR10060, and SR10070.
5C
IC FB
External resistance connecting pin for output voltage setting, internal control voltage:
0.9V typical


Similar Part No. - SR10070

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR100 LUMINIS-SR100 Datasheet
299Kb / 4P
   Ceiling mount
logo
Electronic devices inc.
SR1000 EDI-SR1000 Datasheet
44Kb / 2P
   FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
COTEK ELECTRONIC IND. C...
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
SR1000T-124 COTEK-SR1000T-124 Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
SR1000T-148 COTEK-SR1000T-148 Datasheet
37Kb / 1P
   1000W Pure Sine Wave Inverter
20/10/20
More results

Similar Description - SR10070

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
logo
Torex Semiconductor
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
logo
Advanced Analog Technol...
AAT1103 AAT-AAT1103 Datasheet
25Kb / 1P
   SINGLE-CHANNEL STEP UP DC/DC CONVERTER
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com