Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF202C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # TF202C
Description  N-channel Silicon Junction FET Electret Condenser Microphone Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF202C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  TF202C Datasheet HTML 1Page - Sanyo Semicon Device TF202C Datasheet HTML 2Page - Sanyo Semicon Device TF202C Datasheet HTML 3Page - Sanyo Semicon Device TF202C Datasheet HTML 4Page - Sanyo Semicon Device TF202C Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TF202C
No. A0727-4/5
0
100
200
300
400
500
27
28
29
30
31
32
26
ZIN -- IDSS
IT02323
910
920
930
940
950
960
900
ZO -- IDSS
IT02324
--119
--118
--117
--116
--115
--114
--113
--112
--111
--120
VNO -- IDSS
IT02325
VNO : VCC=4.5V
VIN=0V, ACurve
RL=1.0k
IDSS : VDS=5.0V
ZO : VCC=4.5V
VIN=10mV
f=1kHz
IDSS : VDS=5.0V
Zi : VCC=4.5V
VIN=10mV
f=1kHz
IDSS : VDS=5.0V
0
100
200
300
400
500
0
100
200
300
400
500
0
100
200
300
400
500
0
THD -- IDSS
IT02322
0.5
1.0
1.5
2.0
2.5
THD : VCC=4.5V
VIN=30mV
f=1MHz
IDSS : VDS=5.0V
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
0
100
200
300
400
500
GV -- IDSS
IT02320
--1.7
--1.5
--1.3
--1.1
--0.9
--0.7
--0.5
∆GVV -- IDSS
IT02321
GVV : VCC=4.5V→1.5V
VIN=10mV
f=1kHz
IDSS : VDS=5.0V
--7
--6
--5
--4
--3
--2
--1
0
GV : VCC=4.5V
VIN=10mV
RL=1.0k
f=1kHz
IDSS : VDS=5.0V
0
100
200
300
400
500
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA


Similar Part No. - TF202C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TF202 SEMTECH-TF202 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
Sanyo Semicon Device
TF202 SANYO-TF202 Datasheet
32Kb / 4P
   Electret Condenser Microphone Applications
logo
Unisonic Technologies
TF202 UTC-TF202 Datasheet
73Kb / 2P
   N-CHANNEL JFET
logo
TAITRON Components Inco...
TF202 TAITRON-TF202 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
Unisonic Technologies
TF202 UTC-TF202 Datasheet
212Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results

Similar Description - TF202C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF252C SANYO-TF252C Datasheet
49Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
EC3A01H SANYO-EC3A01H Datasheet
38Kb / 5P
   N-Channel Silicon Junction FET - Electret Condenser Microphone Applications
TF218THC SANYO-TF218THC Datasheet
52Kb / 5P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF246 SANYO-TF246 Datasheet
58Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF222 SANYO-TF222 Datasheet
29Kb / 4P
   N-channel Junction FET Electret Condenser Microphone Applications
TF252 SANYO-TF252 Datasheet
53Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TF252TH SANYO-TF252TH Datasheet
50Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TF250TH SANYO-TF250TH Datasheet
38Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TS788 SANYO-TS788 Datasheet
9Kb / 1P
   N- channel Junction FET Electret Condenser Microphone
TF202THC SANYO-TF202THC Datasheet
305Kb / 5P
   N-channel Silicon Juncton FET Electret Condenser Microphone Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com