Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF246 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TF246
Description  N-channel Silicon Junction FET Electret Condenser Microphone Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF246 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TF246 Datasheet HTML 1Page - Sanyo Semicon Device TF246 Datasheet HTML 2Page - Sanyo Semicon Device TF246 Datasheet HTML 3Page - Sanyo Semicon Device TF246 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TF246
No. A0729-3/4
0
100
200
300
400
500
--1.7
--1.5
--1.3
--1.1
--0.9
--0.7
--0.5
∆GVV -- IDSS
IT02321
VGS(off) -- IDSS
IT12277
∆GVV : VCC=4.5V→1.5V
VIN=10mV
f=1kHz
IDSS : VDS=5.0V
-0.40
-0.45
-0.50
-0.55
-0.60
-0.65
-0.70
-0.75
-0.80
0
100
200
300
400
500
VDS=5V
ID=1µA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
100
200
300
400
500
yfs -- IDSS
IT02314
VDS=5V
VGS=0V
f=1kHz
10
7
5
3
2
2
1.0
1.0
10
23
5
7
72
3
Ciss -- VDS
IT03814
1.0
7
5
3
5
3
2
2
0.1
1.0
10
23
5
7
72
3
Crss -- VDS
IT03815
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, IDSS -- µA
VGS=0V
f=1MHz
VGS=0V
f=1MHz
--1.0
--0.9
--0.8
--0.7
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
--0
500
400
300
200
100
0
ID -- VGS
ID -- VGS
IT02312
IT02313
VDS=5V
400
320
240
160
80
0
--0.7
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
I DSS
=350
µA
250
µA
150
µA
VDS=5V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
450
350
250
50
150
360
280
200
40
120
GV -- IDSS
Drain Current, IDSS -- µA
IT09954
--6
--5
--4
--3
--2
--1
0
GV : VCC=4.5V
VIN=10mV
RL=1.0kΩ
f=1MHz
IDSS : VDS=5.0V
0
100
200
300
400
500


Similar Part No. - TF246

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TF2420VU TDK-TF2420VU Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2420VU-102Y5R0-01 TDK-TF2420VU-102Y5R0-01 Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2420VU-102Y6R0-01 TDK-TF2420VU-102Y6R0-01 Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2420VU-202Y5R0-01 TDK-TF2420VU-202Y5R0-01 Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2420VU-302Y2R0-01 TDK-TF2420VU-302Y2R0-01 Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

Similar Description - TF246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF202C SANYO-TF202C Datasheet
52Kb / 5P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF252C SANYO-TF252C Datasheet
49Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
EC3A01H SANYO-EC3A01H Datasheet
38Kb / 5P
   N-Channel Silicon Junction FET - Electret Condenser Microphone Applications
TF218THC SANYO-TF218THC Datasheet
52Kb / 5P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF222 SANYO-TF222 Datasheet
29Kb / 4P
   N-channel Junction FET Electret Condenser Microphone Applications
TF252 SANYO-TF252 Datasheet
53Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TF252TH SANYO-TF252TH Datasheet
50Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TF250TH SANYO-TF250TH Datasheet
38Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TS788 SANYO-TS788 Datasheet
9Kb / 1P
   N- channel Junction FET Electret Condenser Microphone
TF202THC SANYO-TF202THC Datasheet
305Kb / 5P
   N-channel Silicon Juncton FET Electret Condenser Microphone Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com