Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIPM50Q12C004 Datasheet(PDF) 9 Page - International Rectifier

Part # PIIPM50Q12C004
Description  Programmable Isolated IPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50Q12C004 Datasheet(HTML) 9 Page - International Rectifier

Back Button PIIPM50Q12C004 Datasheet HTML 5Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 6Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 7Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 8Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 9Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 10Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 11Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 12Page - International Rectifier PIIPM50Q12C004 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.irf.com
9
PIIPM50P12B004
I27146 01/03
AC Electrical Characteristics: Embedded Driving Board (EDB)
DSP pins mapping
For proper operation the device should be used within the recommended conditions.
Vin = 15V, Vin-iso = 5V, TA = 0 to 55C, TC = 75C (unless otherwise specified)
Symbol
Parameter Definition
Min.
Typ.
Max.
Units
Test
Conditions
DSP name ; pin N
VDCgain
DC bus voltage feedback partition coefficient
2.39
2.44
2.49
mV/V
VDC-MAX
Maximun DC bus voltage read
1309
V
VDCpole
DC bus voltage feedback filter pole
950
1000
1050
Hz
ADCin03;72
VDC-OVth
DC bus voltage over-voltage threshold
870
920
970
V
PDPINTA;6
VTH25C
Thermal sensor voltage feedback at 25 ºC (Fig. TF1)
2.65
2.75
2.85
V
VTH100C
Thermal sensor voltage feedback at 100 ºC (Fig.
TF1)
1.04
1.09
1.14
V
ADCin04;70
Vin-gain
Input voltage feedback partition coefficient
125
128
131
mV/V
Vin-pole
Input voltage feedback filter pole
1600
1700
1800
Hz
ADCin05;69
Iph-GAIN
Current feedback gain
16.6
16.9
17.2
mV/A
Iph-pole
Current feedback filter pole
5.0
5.5
6.0
kHz
Iph-MAX
Maximun Current feedback read
95
Α
Iph-MIN
Minimun Current feedback read
-95
Α
Iph-LAT
Current feedback signal delay
12
µs
Iph-Zero
Zero current input voltage level
1.64
1.67
1.70
V
all phases
ADCin00: 79
ADCin01: 77
ADCin02: 74
ISC
Short Circuit Threshold Current
110
128
146
A
all phases
ISC-DEL
Short Circuit detection delay time
3
6
µs
all phases
PDPINTA;6
DCOC
DC bus minus over-current level
130
140
150
A
DC bus minus
DCOC-pole
DC bus minus over-current filter pole
14
15
16
kHz
DC bus minus
PDPINTA;6
WD
External watchdog timeout (see also RS~ signal)
0.9
1.6
2.5
Sec
WD;85
COM
DSP Ground
2, 3, 5, 7, 11, 12, 13, 14, 15, 16, 19, 26, 27, 29, 32, 34, 38, 41, 43, 45, 46, 48, 53, 56, 58, 60, 63, 65,
66, 67, 68, 71, 73, 75, 76, 78, 80, 81, 84, 90, 97
3.3V
DSP 3.3V supply
4, 10, 20, 30, 35, 47, 54, 59, 64, 91, 98
floating
The following pins are left unconnected
42,44,51,88
Ref3.3V
3.3V reference voltage
3.33
V
VCCA,VREFHI; 83,82
~ indicates active low signals


Similar Part No. - PIIPM50Q12C004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
More results

Similar Description - PIIPM50Q12C004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
logo
Inventronics Inc.
NEL-1K0SXXXMX INVENTRONICS-NEL-1K0SXXXMX Datasheet
888Kb / 15P
   Non-isolated 1000W Programmable Driver
Rev.A
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
logo
Analog Devices
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
logo
Fuji Electric
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com