Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIG032TS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TIG032TS
Description  N-Channel IGBT Light-Controlling Flash Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG032TS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TIG032TS Datasheet HTML 1Page - Sanyo Semicon Device TIG032TS Datasheet HTML 2Page - Sanyo Semicon Device TIG032TS Datasheet HTML 3Page - Sanyo Semicon Device TIG032TS Datasheet HTML 4Page - Sanyo Semicon Device TIG032TS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TIG032TS
No. A0383-3/5
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VGE
Gate-to-Emitter Voltage, VGE -- V
IT12265
0
0
20
40
60
80
120
140
160
180
100
200
IT12266
0
0
1.0
2.0
3.0
4.0
5.0
0.5
20
40
60
80
120
140
160
180
100
200
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tc=25
°C
3.0V
2.5V
1.8V
Case Temperature, Tc --
°C
VGE(off) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Case Temperature, Tc --
°C
VCE(sat) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Case Temperature, Tc --
°C
VCE(sat) -- Tc
1.0
IT12269
0
12345
5.5
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
6
IC=180A
Tc=75
°C
150A
130A
130A
IT12270
050
75
100
125
150
25
--25
--50
4
3
5
6
7
8
2
1
0
IC=150A
VGE=2.5V
2.0
1.5
1.0
IT12267
0
IT12268
1
5.5
6.0
5.0
4.5
4.0
3.5
3.0
2.5
23456
2.0
1.5
1.0
0
1
5.5
6.0
5.0
4.5
4.0
3.5
3.0
2.5
23456
150A
130A
Tc= --25
°C
Tc=25
°C
IC=180A
150A
130A
IC=180A
IT12272
050
75
100
125
150
25
--25
--50
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
150A
130A
IT12271
050
75
100
125
150
25
--25
--50
3.5
2.5
4.5
5.0
1.5
3.0
2.0
4.0
1.0
0.5
0
IC=180A
VGE=4V
Tc=25
°C
VCE=5V


Similar Part No. - TIG032TS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG030TS SANYO-TIG030TS Datasheet
51Kb / 4P
   N-Channel IGBT Light-Controlling Flash Applications
More results

Similar Description - TIG032TS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG064E8 SANYO-TIG064E8 Datasheet
341Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8_12 Datasheet
180Kb / 7P
   N-Channel IGBT Light-Controlling Flash Applications
TIG052TS SANYO-TIG052TS Datasheet
55Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG030TS SANYO-TIG030TS Datasheet
51Kb / 4P
   N-Channel IGBT Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8_12 Datasheet
188Kb / 8P
   N-Channel IGBT Light-Controlling Flash Applications
TIG066SS SANYO-TIG066SS Datasheet
483Kb / 6P
   Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8 Datasheet
338Kb / 5P
   Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
   Light-Controlling Flash Applications
TIG062E8 SANYO-TIG062E8 Datasheet
339Kb / 5P
   Light-Controlling Flash Applications
TIG062E8_0910 SANYO-TIG062E8_0910 Datasheet
352Kb / 5P
   Light-Controlling Flash Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com