Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD745C Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # BD745C
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD745C Datasheet(HTML) 1 Page - Power Innovations Ltd

  BD745C Datasheet HTML 1Page - Power Innovations Ltd BD745C Datasheet HTML 2Page - Power Innovations Ltd BD745C Datasheet HTML 3Page - Power Innovations Ltd BD745C Datasheet HTML 4Page - Power Innovations Ltd BD745C Datasheet HTML 5Page - Power Innovations Ltd BD745C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BD745, BD745A, BD745B, BD745C
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
AUGUST 1978 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with the
BD746 Series
q
115 W at 25°C Case Temperature
q
20 A Continuous Collector Current
q
25 A Peak Collector Current
q
Customer-Specified Selections Available
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAA
B
C
E
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.92 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 28 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BD745
BD745A
BD745B
BD745C
VCBO
50
70
90
110
V
Collector-emitter voltage (IB = 0)
BD745
BD745A
BD745B
BD745C
VCEO
45
60
80
100
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
20
A
Peak collector current (see Note 1)
ICM
25
A
Continuous base current
IB
7
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
115
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
3.5
W
Unclamped inductive load energy (see Note 4)
½LIC
2
90
mJ
Operating free air temperature range
TA
-65 to +150
°C
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Similar Part No. - BD745C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD745C BOURNS-BD745C Datasheet
109Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD745C ISC-BD745C Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BD745C SAVANTIC-BD745C Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD745C NJSEMI-BD745C Datasheet
138Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BD745C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com