Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIPM50P06M004 Datasheet(PDF) 8 Page - International Rectifier

Part # PIIPM50P06M004
Description  Programmable Isolated IPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50P06M004 Datasheet(HTML) 8 Page - International Rectifier

Back Button PIIPM50P06M004 Datasheet HTML 4Page - International Rectifier PIIPM50P06M004 Datasheet HTML 5Page - International Rectifier PIIPM50P06M004 Datasheet HTML 6Page - International Rectifier PIIPM50P06M004 Datasheet HTML 7Page - International Rectifier PIIPM50P06M004 Datasheet HTML 8Page - International Rectifier PIIPM50P06M004 Datasheet HTML 9Page - International Rectifier PIIPM50P06M004 Datasheet HTML 10Page - International Rectifier PIIPM50P06M004 Datasheet HTML 11Page - International Rectifier PIIPM50P06M004 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.irf.com
8
PIIPM50P12B004
I27146 01/03
Electrical Characteristics: Embedded Driving Board (EDB) communication ports
For proper operation the device should be used within the recommended conditions.
Vin = 15V, Vin-iso = 5V, TA = 0 to 55C, TC = 75C (unless otherwise specified)
Symbol
Parameter Definition
Min.
Typ.
Max.
Units
Test Conditions
Conn.
Vin
EDB Input supply Voltage
12
15
18
V
Isupp
EDB input Supply Current with EEprom not programmed
90
100
110
mA
Isupp
EDB Input Supply Current
131
149
166
mA
VDC = 0V, fPWM = 8kHz (*)
Isupp
EDB Input Supply Current
132
152
170
mA
Vdc=600V, fPWM = 8kHz (*)
Vin iso
EDB isolated supply voltage
4.5
5
5.5
V
Iq. iso
EDB isolated quiescent supply current
9
20
mA
Rx+ = +5V, Rx- = 0V
Hall1/2/3 = open
24
29
34
mA
Hall1/2/3 low
Rx+ = 0V, Rx- = +5V
Tx+ and Tx- open
Isupp. iso
EDB isolated supply current
37
48
59
mA
Hall1/2/3 low
Rx+ = 0V, Rx- = +5V
Tx+ and Tx- on 120
RS422
port
VDO-TX
Differential Driver Output Voltage
2
V
VCO-TX
Driver Common mode output voltage
3
V
Rload = 120
VDI-RX
Receiver Input Differential Threshold Voltage
- 0.2
0.2
V
RIN-RX
Receiver Input Resistance
120
- 7V
≤ VCM ≤ +12V
fMAX
RS422 maximum data rate
2.5
Mbps
RS422
port
Venc-high /
Vhall-high
Logic High Input Voltage
3.6
V
Venc-low /
Vhall-low
Logic Low Input Voltage
2
V
Ienc-low /
Ihall-low
Logic Low Input Current
- 5.2
mA
Enc1 / Hall1
Enc2 / Hall2
Strb / Hall3
input pins
RS422
port
TMS
TMS2
TDI
TDO
TCK
TRST-
EMU0
EMU1/OFF~
PD
JTAG interface pins
Please see
TMS320LF2406A
datasheet from
Texas Instruments
and VPD specifications
Directly connected from
DSP to connector pins.
EMU0 and EMU1 with 4.7k
internal pull up.
JTAG
VPD
Presence detect voltage
3.2
3.3
3.4
V
IPD = -100
µA
JTAG
VBoot En
Boot ROM enable input voltage
0.5
V
IBoot-En
Boot ROM enable input current
- 100
µA
Active low
JTAG
* these values are obtained with internal DSP clock, EVA, EVB, SCI peripherals enabled at 40MHz, A/D peripheral at 20MHz and 50% PWM duty cycle on
all legs.


Similar Part No. - PIIPM50P06M004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
More results

Similar Description - PIIPM50P06M004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
logo
Inventronics Inc.
NEL-1K0SXXXMX INVENTRONICS-NEL-1K0SXXXMX Datasheet
888Kb / 15P
   Non-isolated 1000W Programmable Driver
Rev.A
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
logo
Analog Devices
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
logo
Fuji Electric
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com