Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME271MD6220KR30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PME271MD6220KR30
Description  EMI suppressor, classes X1 and X2, metallized paper
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PME271MD6220KR30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PME271MD6220KR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME271MD6220KR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PME271MD6220KR30 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
164
PME271M/E
ORDERING INFORMATION
The article code for the standard part is given in the article table.
For other options, see page 21.
PACKING
Capacitors in standard design (lead length
30 mm) and with L < 24 mm and lead length
5 or 6 mm are packed bulk in a box with
dimensions 245 x 145 x 80 mm. Quantity/
package as per article table.
Capacitors with L
≥ 24 mm and lead length 5
or 6 mm are packed on trays piled in a box
with dimensions 300 x 260 x 195 mm.
Quantity/package as per article table.
Reels with taped capacitors are packed 10
in a box with dimension 370 x 370 x 560
mm. The standard quantity/reel is for 360
mm reel. If 500 mm reel is required, it must
be specified when ordering and the
quantity is 2 x the given quantity.
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Rated voltage
• X2 or X1
• SH, for self-healing
• Climatic category according to
IEC 60068-1, appendix A
• Passive flammability class
• Approval marks
• Manufacturing code (year, month)
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
S
EN 132400
9834227-01 (X2), 9821105-01 (X1),
N
EN 132400
P98102279 (X2), P98101874 (X1)
D
EN 132400
308048 (X2), 307886 (X1),
FI
EN 132400
203301 (X2), 202782 (X1),
VDE
EN 132400
118230 (X2), 117365 (X1),
SEV
EN 132400
99.7 70053.01 (X2),
99.7 70083.01(X1)
IMQ
EN 132400
V 4699 (X2), V 4698 (X1),
UL
UL 1283 (U
R = 250 VAC)
E 100117 (X2, X1)
UL 1414 (U
R = 250 VAC)
E 73869 (X2)
CSA
C 22.2 No. 1
53108 (X2)
(U
R = 250 VAC)


Similar Part No. - PME271MD6220KR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271MD6220KR30 KEMET-PME271MD6220KR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results

Similar Description - PME271MD6220KR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271 KEMET-PME271 Datasheet
56Kb / 4P
   EMI suppressor, classes X1, X2 and Y2, metallized paper
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
PHE844 ETC-PHE844 Datasheet
48Kb / 2P
   EMI suppressor, class X1, metallized polypropylene
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com