Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21963-4ES Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS21963-4ES
Description  600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-4ES Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21963-4ES Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21963-4ES Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-4ES Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-4ES Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-4ES Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-4ES Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-4ES Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-4ES Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.28
1.778 ±0.2
2.54 ±0.2
3 MIN
35 ±0.3
20
×1.778(=35.56 )
38 ±0.5
14
×2.54(=35.56)
0.5
HEAT SINK SIDE
HEAT SINK SIDE
0.5
0.5
0.5
17
1
18
2-R1.6
0.28
25
4-C1.2
Type name
Lot No.
QR
Code
1.5 ±0.05
A
TERMINAL CODE
1.
(VNC)
2.
VUFB
3.
VVFB
4.
VWFB
5.
UP
6.
VP
7.
WP
8.
VP1
9.
VNC *
10. UN
11. VN
12. WN
13. VN1
14. FO
15. CIN
16. VNC *
17. NC
18. NW
19. NV
20. NU
21. W
22. V
23. U
24. P
25. NC
3.5
B
0.8
1.5min
(2.656)
(2.756)
2.5 MIN
(1.2)
DETAIL A
DETAIL B
8-0.6
16-0.5
PS21963-4ES
INTEGRATED POWER FUNCTIONS
600V/8A low-loss CSTBTTM inverter bridge for three
phase DC-to-AC power conversion.
Open emitter type.
APPLICATION
AC100V~200V inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-4ES
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage high-speed level shifting, Control supply under-voltage (UV) protection.
• For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-leg IGBT) or a UV fault (Lower-side supply).
• Input interface : 3V, 5V line (High Active).
•UL Approved : Yellow Card No. E80276
Dimensions in mm
*) Two VNC terminals (9 & 16 pin) are connected inside DIP-IPM, please connect either one to the 15V power supply GND outside and
leave another one open.
Mar. 2007


Similar Part No. - PS21963-4ES

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21963-4ES MITSUBISHI-PS21963-4ES_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21963-4ES

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-EST MITSUBISHI-PS21963-EST Datasheet
134Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-ET MITSUBISHI-PS21963-ET Datasheet
183Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4E MITSUBISHI-PS21963-4E Datasheet
179Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4S MITSUBISHI-PS21965-4S Datasheet
130Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-T MITSUBISHI-PS21965-T Datasheet
183Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4 MITSUBISHI-PS21965-4 Datasheet
179Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-ST MITSUBISHI-PS21965-ST Datasheet
134Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com