Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4337 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PT7C4337
Description  Real-time Clock Module (I2C Bus)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PT7C4337 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PT7C4337 Datasheet HTML 1Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 2Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 3Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 4Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 5Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 6Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 7Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 8Page - List of Unclassifed Manufacturers PT7C4337 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0205(02/07)
Ver: 1
1
Data Sheet
PT7C4337
Real-time Clock Module (I
2C Bus)
Product Features
• Using external 32.768kHz quartz crystal
• Supports I2C-Bus's high speed mode (400 kHz)
• Includes time (Hour/Minute/Second) and calendar
(Year/Month/Date/Day) counter functions (BCD
code)
• Programmable square wave output signal
• Two Time-of-Day Alarms
• Oscillator Stop Flag
• Operating range: 1.8V to 5.5V
Ordering Information
Part Number
Package
PT7C4337PE
Lead free 8-Pin DIP
PT7C4337WE
Lead free 8-Pin SOIC
PT7C4337UE
Lead free 8-Pin MSOP
Product Description
The PT7C4337 serial real-time clock is a low-power
clock/calendar with two programmable time-of-day
alarms and a programmable square-wave output.
Address and data are transferred serially via a 2-wire,
bidirectional bus. The clock/calendar provides seconds,
minutes, hours, day, date, month, and year information.
The date at the end of the month is automatically
adjusted for months with fewer than 31 days, including
corrections for leap year. The clock operates in either the
24-hour or 12-hour format with AM/PM indicator.
Table 1 shows the basic functions of PT7C4337. More
details are shown in section: overview of functions.
Table 1. Basic functions of PT7C4337
Item
Function
PT7C4337
Crystal: 32.768kHz
Source
External input
Oscillator enable/disable
1
Oscillator
Oscillator fail detect
12-hour
Time display
24-hour
2
Time
Century bit
3
Alarm interrupt
√ 2
4
Programmable square wave output (Hz)
1, 4.096k, 8.192k, 32.768k


Similar Part No. - PT7C4337

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4337A PERICOM-PT7C4337A Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ACSE PERICOM-PT7C4337ACSE Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ACZSAE PERICOM-PT7C4337ACZSAE Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ALE PERICOM-PT7C4337ALE Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337AUE PERICOM-PT7C4337AUE Datasheet
810Kb / 25P
   Real-time Clock Module
More results

Similar Description - PT7C4337

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8731LC EPSON-RX-8731LC Datasheet
261Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX8900SA EPSON-RX8900SA Datasheet
333Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RA-8565SA EPSON-RA-8565SA Datasheet
287Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com