Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200DSA120 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM200DSA120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200DSA120 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM200DSA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Sep.1998
Description:
Mitsubishi Intelligent Power Mod-
ules are isolated base modules de-
signed for power switching applica-
tions operating at frequencies to
20kHz. Built-in control circuits pro-
vide optimum gate drive and pro-
tection for the IGBT and free-wheel
diode power devices.
Features:
Complete Output Power
Circuit
Gate Drive Circuit
Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
Applications:
Inverters
UPS
Motion/Servo Control
Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM200DSA120 is a 1200V,
200 Ampere Intelligent Power Mod-
ule.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
200
120
Dimensions
Inches
Millimeters
A
5.12
130.0
B
4.33
±0.010
110.0
±0.25
C
2.76
70.0
D
2.05
±0.010
52.0
±0.25
E
1.18
30.0
F
1.14 +0.04/-0.02 29.0 +1/-0.5
G
1.02
26.0
H
0.98
25.0
J
0.71
18.0
Dimensions
Inches
Millimeters
K
0.55
14.0
L
0.51
13.0
M
0.28
7.0
N
0.26 Dia.
Dia. 6.5
P
M6 Metric
M6
Q
0.14
3.5
R
0.100
2.54
S
0.08 Dia.
Dia. 2.0
T
0.016
0.42
Outline Drawing and Circuit Diagram
MITSUBISHI INTELLIGENT POWER MODULES
PM200DSA120
FLAT-BASE TYPE
INSULATED PACKAGE
K
1.
2.
3.
4.
5.
1.
2.
3.
4.
5.
SNR
VNC
FNO
VN1
CN1
VP1
SPR
CP1
VPC
FPO
N SIDE
P SIDE
G
F
M
L
0.64 MM SQ. PIN
(10 TYP.)
H
H
C
A
Q
J
E
B
J
D
K
T
1
P
N
C2E1
E2
C1
2
13 4 5
23 4 5
S - DIA.
(4 TYP.)
P - M6 THD.
(3 TYP.)
N - DIA.
(4 TYP.)
R (8 TYP.)
SINK
SENS
OUT2
OUT1
GND
TEMP
VCC
FO
SR
IN
VN1
FNO
SNR
CN1
VNC
C2E1
E2
SINK
SENS
OUT2
OUT1
GND
TEMP
VCC
FO
SR
IN
C1
VP1
FPO
SPR
CP1
VPC


Similar Part No. - PM200DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200DSA120 MITSUBISHI-PM200DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
logo
Powerex Power Semicondu...
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
logo
Mitsubishi Electric Sem...
PM200DSA120 MITSUBISHI-PM200DSA120 Datasheet
66Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM200DSA120 MITSUBISHI-PM200DSA120_00 Datasheet
66Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com