Electronic Components Datasheet Search |
|
QMR1-434 Datasheet(PDF) 2 Page - rfsolutions.ltd |
|
QMR1-434 Datasheet(HTML) 2 Page - rfsolutions.ltd |
2 / 8 page Ds302_3 AUG 01 © ©2001 REG No 277 4001 England Page 2 QM Receiver Module QMR1 / QMR2 Absolute Maximum Ratings: Receiver Operating temperature: -10 °C to +55°C Storage temperature: -40 °C to +100°C Supply Voltage 5V Data input 10V RF Input ±50V @ < 10MHz , +20dBm @ > 10MHz Electrical Characteristics: Receiver pin min. typ. Max. Units Notes DC LEVELS Supply voltage 4.5 5 5.5 V Supply current 2 4.8 mA mA QMR1 QMR2 Supply ripple - - 10 mVP-P Data output high 4.0 V Data output low 0.5 V RF RF sensitivity -110 -112 dBm dBm QMR1 QMR2 IF Bandwidth 600 230 KHz KHz QMR1 QMR2 Initial frequency accuracy ±50 +/-30 KHz KHz QMR1 QMR2 Max R.F. input 20 20 dBm dBm QMR1 QMR2 E.M.C. Spurious responses upto 1GHz <60 dB LO leakage, conducted <60 dBm LO leakage, radiated <60 dBm DYNAMIC TIMING Power up with signal present Power up to stable data 10 mS Signal applied with supply on Signal to stable data 6 mS Time between data transitions 10 mS Mark:space ratio 50 % Bit rate 20 200 10000 4000 bps bps QMR1 QMR2 |
Similar Part No. - QMR1-434 |
|
Similar Description - QMR1-434 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |