Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMR1-434 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # QMR1-434
Description  QM Receiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR1-434 Datasheet(HTML) 4 Page - rfsolutions.ltd

  QMR1-434 Datasheet HTML 1Page - rfsolutions.ltd QMR1-434 Datasheet HTML 2Page - rfsolutions.ltd QMR1-434 Datasheet HTML 3Page - rfsolutions.ltd QMR1-434 Datasheet HTML 4Page - rfsolutions.ltd QMR1-434 Datasheet HTML 5Page - rfsolutions.ltd QMR1-434 Datasheet HTML 6Page - rfsolutions.ltd QMR1-434 Datasheet HTML 7Page - rfsolutions.ltd QMR1-434 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 4
QM Receiver Module
QMR1 / QMR2
QMR2 Details
QMR2
1
2
3
4
5
6
7
Figure 3 QMR2 Receiver
Pin Description:
RF IN ( pin 1 )
50 ohm RF input from antenna, connect using
shortest possible route. This input is isolated from
the internal circuit using the air gap of the front
end SAW RF filter.
RF GND ( pin 2 )
Supply ground connection. Preferably connected
to a solid ground plane.
RSSI ( pin 3 )
This is a dc output voltage that is proportional to
the RF signal strength applied to pin 1.
GND ( pin 4 )
Connected to power supply ground.
Vcc ( pin 5 )
+Ve supply pin. Operation from a 5V supply able
to source 6mA at less than Vp-p ripple.
AF ( pin 6 )
Audio frequency output. Note Source current is
limited to 40 microA. In most applications a buffer
may be required to interface to this pin.
DATA OUT ( pin 7 )
CMOS compatible output. This may be used to
drive external decoders.
General Information
Phase
Lock
Loop
RF
AMP
Band Pass
Filter
IF
AMP
Low Pass
Filter
Detector
Antenna
Mixer
Figure 4: Receiver Block Diagram
The QMR2 receiver module is a FM single
conversion superhet receiver capable of handling
data rates of up to 10Kbits/s. With an on board
data buffer, phase locked loop and a high quality
front end RF stage, a –107dBm sensitivity is
achieved.
Utilising the latest phase locked loop receiver
technology with one of the compatible transmitter
modules will yield a highly efficient wireless link.
RSSI Values
RF Level (dBm) pin 3
RSSI (volts) pin 6
-110
1.16
-100
1.34
-90
1.59
-80
1.78
-70
1.81
-60
1.81
-50
2.17
-40
2.45
-30
2.52
-20
2.52
-10
2.52


Similar Part No. - QMR1-434

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QMR110 QUALTEK-QMR110 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR120 QUALTEK-QMR120 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR130 QUALTEK-QMR130 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR140 QUALTEK-QMR140 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR150 QUALTEK-QMR150 Datasheet
617Kb / 1P
   MOLDED PARTS
More results

Similar Description - QMR1-434

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
QFMT1-XXX RFSOLUTIONS-QFMT1-XXX Datasheet
49Kb / 5P
   QM Radio Transmitter Module
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
   QM-Coder
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
   Receiver Module
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
   RECEIVER MODULE
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
   Receiver Module
logo
Hirose Electric
QM10-14R-PR HIROSE-QM10-14R-PR Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
logo
Mitsubishi Electric Sem...
M65762FP MITSUBISHI-M65762FP Datasheet
137Kb / 28P
   QM-CODER(purpose of reducing)
logo
Everlight Electronics C...
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com