Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2051K01-E2 Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R2051K01-E2
Description  2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2051K01-E2 Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R2051K01-E2 Datasheet HTML 2Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 3Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 4Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 5Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 6Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 7Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 8Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 9Page - RICOH electronics devices division R2051K01-E2 Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
R2051 Series
6
DC ELECTRICAL CHARACTERISTICS
R2051K01, R2051S01, R2051T01
(Unless otherwise specified: VSS=0V,VCC=VSB=3.0V, 0.1uF between VDD and VSS, CIN and VSS,
Topt=-40 to +85
°C)
Symbol
Item
Pin Name
Conditions
Min.
Typ.
Max.
Unit
VIH
“H” Input Voltage
0.8x
VCC
5.5
VIL
“L” Input Voltage
SCL,SDA
-0.3
0.2x
VCC
V
IOH
“H” Output
Current
CLKOUT
VOH=VCC-0.5V
-0.5
mA
IOL1
CLKOUT
0.5
IOL2 *2)
INTR
2.0
IOL4
SDA
VOL=0.4V
3.0
IOL3 *2)
“L” Output
Current
VDCC
VDD,VSB,VCC=2.0V
VOL=0.4V
0.5
mA
IIL
Input Leakage
Current
SCL
VI=5.5V or VSS
-1.0
1.0
µA
IOZ1
Output Off-state
Current 1
SDA
VO=5.5V or VSS
-1.0
1.0
µA
IOZ2 *2)
Output Off-state
Current 2
INTR ,
VDCC
VO=5.5V or VSS
-1.0
1.0
µA
ISB
Time Keeping Current
at Backup mode
VSB
VCC=0V, VSB=3.0V,
VDD, Output=OPEN
Time keeping
0.4
1.0
µA
ISBL
Leakage Current of
Backup pin at
VCC_on
VSB
VCC=3.0V,
VSB=5.5V or 0V,
VDD, Output=OPEN
-1.00
1.00
µA
VDETH
Supply Voltage
Monitoring Voltage
“H”
VDD
Topt=+25
°C
1.90
2.10
2.30
V
VDETL
Supply Voltage
Monitoring Voltage “L”
VDD
Topt=+25
°C
1.20
1.35
1.50
V
-VDET1
Detector Threshold
Voltage
(falling edge of VCC)
VCC
Topt=+25
°C
2.34
2.40
2.46
V
+VDET1
Detector Released
Voltage (rising edge
of VCC)
VCC
Topt=+25
°C
2.44
2.52
2.60
V
∆VDET
∆Topt
Detector Threshold
and Released Voltage
Temperature
coefficient
VCC,
VSB
Topt=-40 to +85
°C
*1)
±100
ppm
/
°C
VDDOUT1
VDD Output
Voltage 1
VDD
Topt=+25
°C, VCC=3.0V,
Iout=1.0mA
VCC
-0.12
VCC
-0.04
V
VDDOUT2
VDD Output
Voltage 2
VDD
Topt=+25
°C, VCC=2.0V,
VSB=3.0V, Iout=0.1mA
VSB
-0.08
VSB
-0.02
V
CG
Internal Oscillation
Capacitance 1
OSCIN
10
CD
Internal Oscillation
Capacitance 2
OSCOUT
10
pF
*1) Guaranteed by design.
*2) Except R2051T01


Similar Part No. - R2051K01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2-F RICOH-R2051S01-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
R2051S02-E2-F RICOH-R2051S02-E2-F Datasheet
739Kb / 49P
   High precision I2 C-Bus Real-Time Clock Module
More results

Similar Description - R2051K01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com