Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2051S01-E2 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R2051S01-E2
Description  2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2051S01-E2 Datasheet(HTML) 4 Page - RICOH electronics devices division

  R2051S01-E2 Datasheet HTML 1Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 2Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 3Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 4Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 5Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 6Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 7Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 8Page - RICOH electronics devices division R2051S01-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
R2051 Series
4
PIN DESCRIPTION
PIN
R2051Kxx
(FFP12)
R2051Sxx
(SSOP16)
R2051Txx
(TSSOP10G)
Symbol
Item
Description
2
4
3
SCL
Serial
Clock Line
The SCL pin is used to input clock pulses
synchronizing the input and output of data
to and from the SDA pin.
Allows a
maximum input voltage of 5.5 volts
regardless of supply voltage.
1
5
4
SDA
Serial
Data Line
The SDA pin is used to input or output
data intended for writing or reading in
synchronization with the SCL pin. Up to
5.5v beyond VDD may be input.
This pin
functions as an Nch open drain output.
9
10
-
INTR
Interrupt
Output
The INTR pin is used to output alarm
interrupt (Alarm_W) and alarm interrupt
(Alarm_D) and output periodic interrupt
signals to the CPU.
Disabled at
power-on from 0V. Nch. open drain
output.
3
3
2
CLKOUT
32kHz Clock
Output
The CLKOUT pin is used to output
32.768-kHz clock pulses. CMOS output.
“H” level is always equal to VCC.
5
16
10
VCC
Main Battery
input
Supply power to the IC.
4
2
1
VSB
Power Supply
Input for
Backup Battery
Connect a primary battery for backup.
Normally, power is supplied from VCC to
the IC. If VCC level is equal or less than
–VDET1, power is supplied from this pin.
7
13
8
OSCIN
8
12
7
OSCOUT
Oscillation
Circuit
Input / Output
The OSCIN and OSCOUT pins are used
to connect the 32.768-kHz quartz crystal
unit (with all other oscillation circuit
components built into the R2051).
6
15
9
VDD
Positive Power
Supply Input
The VDD pin is connected to the power
supply. Connect a capacitor as much as
0.1
µF between VDD and VSS. In the case
of using a secondary battery, connecting
the secondary battery to this pin is
possible.
12
7
-
VDCC
VCC Power
Supply
Monitoring
Result Output
While monitoring VCC Power supply, if
the voltage is equal or lower than
–VDET1, this output level is “L”. When
VDCC becomes “L”, SW1 turns off
and SW2 turns on. As a result, power is
supplied from VSB pin to the internal real
time clock. When VCC is equal to +VDET1
or more, SW1 turns on and SW2 turns off.
After t DELAY passed, VDCC output
becomes off, or “H”.ch Open-drain output.
10
9
6
CIN
Noise Bypass
Pin
To stabilize the internal reference,
connect a capacitor as much as 0.1
µF
between this pin and VSS.
11
8
5
VSS
Negative
Power
Supply Input
The VSS pin is grounded.
-
1,6,
11,14
-
NC
No Connection


Similar Part No. - R2051S01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2-F RICOH-R2051S01-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
More results

Similar Description - R2051S01-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com