Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW64A Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # BDW64A
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW64A Datasheet(HTML) 1 Page - Power Innovations Ltd

  BDW64A Datasheet HTML 1Page - Power Innovations Ltd BDW64A Datasheet HTML 2Page - Power Innovations Ltd BDW64A Datasheet HTML 3Page - Power Innovations Ltd BDW64A Datasheet HTML 4Page - Power Innovations Ltd BDW64A Datasheet HTML 5Page - Power Innovations Ltd BDW64A Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BDW64, BDW64A, BDW64B, BDW64C, BDW64D
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
AUGUST 1978 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
BDW63, BDW63A, BDW63B, BDW63C and
BDW63D
q
60 W at 25°C Case Temperature
q
6 A Continuous Collector Current
q
Minimum hFE of 750 at 3 V, 2 A
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. These values apply when the base-emitter diode is open circuited.
2. Derate linearly to 150°C case temperature at the rate of 0.48 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -5 mA, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = -20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDW64
BDW64A
BDW64B
BDW64C
BDW64D
VCBO
-45
-60
-80
-100
-120
V
Collector-emitter voltage (IB = 0) (see Note 1)
BDW64
BDW64A
BDW64B
BDW64C
BDW64D
VCEO
-45
-60
-80
-100
-120
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-6
A
Continuous base current
IB
-0.1
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
60
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2
W
Unclamped inductive load energy (see Note 4)
½LIC
2
50
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Operating temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C


Similar Part No. - BDW64A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BDW64A BOURNS-BDW64A Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW64A ISC-BDW64A Datasheet
267Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW64A NJSEMI-BDW64A Datasheet
99Kb / 2P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BDW64A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com