Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F52X Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F52X
Description  8/4/2 kB ISP Flash MCU Family
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F52X Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F52X Datasheet HTML 1Page - Silicon Laboratories C8051F52X Datasheet HTML 2Page - Silicon Laboratories C8051F52X Datasheet HTML 3Page - Silicon Laboratories C8051F52X Datasheet HTML 4Page - Silicon Laboratories C8051F52X Datasheet HTML 5Page - Silicon Laboratories C8051F52X Datasheet HTML 6Page - Silicon Laboratories C8051F52X Datasheet HTML 7Page - Silicon Laboratories C8051F52X Datasheet HTML 8Page - Silicon Laboratories C8051F52X Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 220 page
background image
8/4/2 kB ISP Flash MCU Family
C8051F52x-53x
Rev. 0.3 5/07
Copyright © 2007 by Silicon Laboratories
C8051F52x-53x
Analog Peripherals
-
12-Bit ADC
±1 LSB INL (C8051F52x/C8051F53x); no missing
codes
Programmable throughput up to 200 ksps
Up to 6/16 external inputs
Data dependent windowed interrupt generator
Built-in temperature sensor
-
Comparator
Programmable hysteresis and response time
Configurable as wake-up or reset source
Low current
-
POR/Brownout Detector
-
Voltage Reference—1.5 to 2.2 V (programmable)
On-Chip Debug
-
On-chip debug circuitry facilitates full-speed, non-
intrusive in-system debug (No emulator required)
-
Provides breakpoints, single stepping
-
Inspect/modify memory and registers
-
Complete development kit
Supply Voltage 2.7 to 5.25 V
-
Built-in LDO regulator
High Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with
25 MHz system clock
-
Expanded interrupt handler
Memory
-
8/4/2 kB Flash; In-system byte programmable in
512 byte sectors
-
256 bytes internal data RAM
Digital Peripherals
-
16/6 port I/O; push-pull or open-drain, 5 V tolerant
-
Hardware SPI™, and UART serial port
-
Hardware LIN (both master and slave, compatible
with V1.3 and V2.0)
-
Three general purpose 16-bit counter/timers
-
Programmable 16-bit counter/timer array with three
capture/compare modules, WDT
Clock Sources
-
Internal oscillators: 24.5 MHz
±0.5% accuracy sup-
ports UART and LIN-Master operation
-
External oscillator: Crystal, RC, C, or Clock
(1 or 2 pin modes)
-
Can switch between clock sources on-the-fly
Packages:
-
10-Pin QFN (3 x 3 mm)
-
20-pin QFN (4 x 4 mm)
-
20-pin TSSOP
Temperature Range: –40 to +125 °C
ANALOG
PERIPHERALS
12-bit
200 ksps
ADC
8/4/2 kB
ISP FLASH
256 B SRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(25 MIPS)
TEMP
SENSOR
DIGITAL I/O
24.5 MHz High Precision (±0.5%) Internal Oscillator
HIGH-SPEED CONTROLLER CORE
A
M
U
X
VOLTAGE
COMPARATOR
+
-
WDT
UART
PCA
Timer 0
Timer 1
Timer 2
Port 0
SPI
Port 1
VREG
VREF
LIN


Similar Part No. - C8051F52X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F52X SILABS-C8051F52X Datasheet
1Mb / 221P
   8/4/2 kB ISP Flash MCU Family
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X_12 Datasheet
1Mb / 221P
   8/4/2 kB ISP Flash MCU Family
More results

Similar Description - C8051F52X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X_12 Datasheet
1Mb / 221P
   8/4/2 kB ISP Flash MCU Family
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F2XX SILABS-C8051F2XX Datasheet
1Mb / 146P
   Mixed Signal 8 kB ISP Flash MCU Family
C8051F352 SILABS-C8051F352 Datasheet
2Mb / 234P
   8 k ISP Flash MCU Family
C8051F350 SILABS-C8051F350_V01 Datasheet
3Mb / 221P
   8 k ISP Flash MCU Family
Rev. 1.2
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
   8K ISP FLASH MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com