Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6864Z Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK6864Z
Description  262,144 X 8 Bit MOS Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK6864Z Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK6864Z Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK6864Z Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
PART NUMBER CODING INTERPRETATION
Position
12345678
1
Product
AK
= Accutek Memory
2
Type
4 = Dynamic RAM
5 = CMOS Dynamic RAM
6 = Static RAM
3
Organization/Word Width
1 = by 1
16 = by 16
4 = by 4
32 = by 32
8 = by 8
36 = by 36
9 = by 9
4
Size/Bits Depth
64
= 64K
4096 =
4 MEG
256 = 256K
8192 =
8 MEG
1024 = 1 MEG
16384 =
16 MEG
5
Package Type
G = Single In-Line Package (SIP)
S = Single In-Line Module (SIM)
D = Dual In-Line Package (DIP)
W = .050 inch Pitch Edge Connect
Z = Zig-Zag In-Line Package (ZIP)
6
Special Designation
P = Page Mode
N = Nibble Mode
K = Static Column Mode
W = Write Per Bit Mode
V = Video Ram
7
Separator
- = Commercial 0
0Cto+700C
M = Military Equivalent Screened
(-55
0C to +1250C)
I = Industrial Temperature Tested
(-45
0Cto+850C)
X = Burned In
8
Speed (first two significant digits)
DRAMS
SRAMS
50 = 50 nS
8 =
8 nS
60 = 60 nS
10 =
10 nS
70 = 70 nS
12 =
12 nS
80 = 80 nS
15 =
15 nS
0.100
TYP
ACCUTEK MICROCIRCUIT CORPORATION
BUSINESS CENTER at NEWBURYPORT
2 NEW PASTURE ROAD, SUITE 1
NEWBURYPORT, MA 01950-4054
VOICE:
978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet:
www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibil-
ity for the use of any circuitry described; no circuit patent licenses
are implied. Preliminary data sheets contain minimum and maxi-
mum limits based upon design objectives, which are subject to
change upon full characterization over the specific operating condi-
tions.
MECHANICAL DIMENSIONS
Inches
The numbers and coding on this page do not include all variations
available but are show as examples of the most widely used variations.
Contact Accutek if other information is required.
EXAMPLES:
AK48256SP-10
256K x 8, 100 nSEC DRAM 30 pin SIM Configuration, Page Mode
AK48256GK-80
256K x 8, 80 nSEC DRAM 30 pin SIP Configuration, Static Column Mode


Similar Part No. - AK6864Z

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK6864Z ACCUTEK-AK6864Z Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK6864Z ACCUTEK-AK6864Z Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK6864Z ACCUTEK-AK6864Z Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK6864Z ACCUTEK-AK6864Z Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK6864Z ACCUTEK-AK6864Z Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK6864Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81464-12 FUJITSU-MB81464-12 Datasheet
1Mb / 22P
   MOS 262,144 BIT DYNAMIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK58256AG ACCUTEK-AK58256AG Datasheet
90Kb / 2P
   262,144 x 8 bit CMOS Dynamic Random Access Memory
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
logo
Hitachi Semiconductor
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS4256 TI-TMS4256 Datasheet
1Mb / 23P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Fujitsu Component Limit...
MB8264A FUJITSU-MB8264A Datasheet
782Kb / 16P
   MOS 65536-BIT DYNAMIC RANDOM ACCESS MEMORY
logo
Hitachi Semiconductor
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK481024S ACCUTEK-AK481024S Datasheet
84Kb / 2P
   1,048,576 x 8 Bit CMOS Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com