Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX77144 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # CX77144
Description  Power Amplifier Module for CDMA (887-925 MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77144 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  CX77144 Datasheet HTML 1Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 2Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 3Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 4Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 5Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DATA SHEET • CX77144
POWER AMPLIFIER MODULE FOR CDMA (887–925 MHZ)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
June 9, 2004 • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • 102047A
Table 5. Electrical Specifications for CDMA Recommended Operating Conditions (1)
Characteristics
Symbol
Condition
Min.
Max.
Unit
GLOW (2)
VCONT
≥ 2.5 V
PO = 18 dBm
20.8
27.5
Gain conditions Digital Mode
GHIGH
VCONT
≤ 0.5 V
PO = 27 dBm
25.4
30.7
dB
Reference Current
IREF
5.0
mA
Control Current
ICONT
VCONT = 2.5 V
0.5
mA
Total Supply current in Power-down Mode
IPD
VREF = 0 V
VCONT = 0 V
5.0
µA
ACP1LOW (2)
VCONT
≥ 2.5 V
PO
≤ 18 dBm
–44.0
885 kHz offset
ACP1HIGH
VCONT
≤ 0.5 V
PO
≤ 27 dBm
–44.0
ACP2LOW (2)
VCONT
≥ 2.5 V
PO
≤ 18 dBm
–56.0
Adjacent Channel Power (3)(4)
1.98 MHz offset
ACP2HIGH
VCONT
≤ 0.5 V
PO
≤ 27 dBm
–56.0
dBc
Second
FO2
PO
≤ 27 dBm
–35.0
Harmonic Suppression
Third
FO3
PO
≤ 27 dBm
–40.0
dBc
Noise Power in RX Band 832-870 MHz
RxBN
PO
≤ 27 dBm
–136
dBm/Hz
Noise Figure
NF
6.0
dB
Input Voltage Standing Wave Ratio
VSWR
2.0:1
Stability (Spurious output)
S
5:1 VSWR
All phases
–60.0
dBc
Ruggedness – No damage (5)
Ru
PO
≤ 27 dBm
10:1
VSWR
(1) Per Table 2, unless otherwise specified.
(2) For low power mode, VCC1 and VCC2 = 1.4 V
(3) ACP is specified per CDMA2000 as the ratio of the total in-band power (1.23 MHz BW) to adjacent power in a 30 kHz BW.
(4) CDMA2000 is configured as DCCH = 9600, SCHO = 9600, PCH (Walsh 0) = –3.75 dB, and Peak-to-Average Ratio (CCDF = 1%) = 4.5 dB.
For IS95, PO = 27.5 dBm is acceptable to meet the specified ACPR values.
(5) All phases, time = 10 seconds.


Similar Part No. - CX77144

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
More results

Similar Description - CX77144

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7821 AVAGO-ACPM-7821 Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Broadcom Corporation.
MGA-43828 BOARDCOM-MGA-43828 Datasheet
810Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
logo
ANADIGICS, Inc
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
   925 MHz to 960 MHz Small-Cell Power Amplifier Module
logo
SIRENZA MICRODEVICES
SDM-09060-B1F SIRENZA-SDM-09060-B1F Datasheet
226Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com