Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2102 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CP2102
Description  SINGLE-CHIP USB TO UART BRIDGE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 1 Page - Silicon Laboratories

  CP2102 Datasheet HTML 1Page - Silicon Laboratories CP2102 Datasheet HTML 2Page - Silicon Laboratories CP2102 Datasheet HTML 3Page - Silicon Laboratories CP2102 Datasheet HTML 4Page - Silicon Laboratories CP2102 Datasheet HTML 5Page - Silicon Laboratories CP2102 Datasheet HTML 6Page - Silicon Laboratories CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories CP2102 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 1.2 3/07
Copyright © 2007 by Silicon Laboratories
CP2102
CP2102
SINGLE-CHIP USB TO UART BRIDGE
Single-Chip USB to UART Data Transfer
- Integrated USB transceiver; no external resistors
required
- Integrated clock; no external crystal required
- Integrated 1024-Byte EEPROM for vendor ID, product
ID, serial number, power descriptor, release number,
and product description strings
- On-chip power-on reset circuit
- On-chip voltage regulator: 3.3 V output
- 100% pin and software compatible with CP2101
USB Function Controller
- USB Specification 2.0 compliant; full-speed (12 Mbps)
- USB suspend states supported via SUSPEND pins
Asynchronous Serial Data BUS (UART)
- All handshaking and modem interface signals
- Data formats supported:
- Data bits: 5, 6, 7, and 8
- Stop bits: 1, 1.5, and 2
- Parity: odd, even, mark, space, no parity
- Baud rates: 300 bps to 1 Mbits
- 576 Byte receive buffer; 640 byte transmit buffer
- Hardware or X-On/X-Off handshaking supported
- Event character support
- Line break transmission
Virtual COM Port Device Drivers
- Works with Existing COM Port PC Applications
- Royalty-Free Distribution License
- Windows Vista/XP/Server 2003/2000/98SE
- Mac OS-X / OS-9
- Linux
USBXpress™ Direct Driver Support
- Royalty-Free Distribution License
- Windows Vista/XP/Server 2003/2000
- Windows CE 5.0 and 4.2
Example Applications
- Upgrade of RS-232 legacy devices to USB
- Cellular phone USB interface cable
- PDA USB interface cable
- USB to RS-232 serial adapter
Supply Voltage
- Self-powered: 3.0 to 3.6 V
- USB bus powered: 4.0 to 5.25 V
Package
- Lead free 28-pin QFN (5 x 5 mm)
Ordering Part Number
- CP2102-GM
Temperature Range: –40 to +85 °C
Figure 1. Example System Diagram
CP2102
3.3 V
Voltage
Regulator
48 MHz
Oscillator
IN
OUT
SUSPEND
SUSPEND
11
12
REGIN
7
GND
3
RST
9
D+
4
D-
5
8
UART
RI
DCD
CTS
RTS
RXD
TXD
DSR
DTR
2
1
28
27
26
25
24
23
2
3
External RS-232
transceiver or
UART circuitry
(to external circuitry
for USB suspend
states)
VBUS
D-
D+
GND 4
USB
CONNECTOR
6
1
VDD
VBUS
USB Function
Controller
USB
Transceiver
640B
TX
Buffer
576B
RX
Buffer
1024B
EEPROM
VDD
D1 D2 D3


Similar Part No. - CP2102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
CP2102 SILABS-CP2102 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
CP2102 SILABS-CP2102 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
More results

Similar Description - CP2102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
CP2108 SILABS-CP2108 Datasheet
301Kb / 30P
   SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com