Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2102 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CP2102
Description  SINGLE-CHIP USB TO UART BRIDGE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories CP2102 Datasheet HTML 9Page - Silicon Laboratories CP2102 Datasheet HTML 10Page - Silicon Laboratories CP2102 Datasheet HTML 11Page - Silicon Laboratories CP2102 Datasheet HTML 12Page - Silicon Laboratories CP2102 Datasheet HTML 13Page - Silicon Laboratories CP2102 Datasheet HTML 14Page - Silicon Laboratories CP2102 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CP2102
Rev. 1.2
11
5. USB Function Controller and Transceiver
The Universal Serial Bus function controller in the CP2102 is a USB 2.0 compliant full-speed device with integrated
transceiver and on-chip matching and pull-up resistors. The USB function controller manages all data transfers
between the USB and the UART as well as command requests generated by the USB host controller and
commands for controlling the function of the UART.
The USB Suspend and Resume signals are supported for power management of both the CP2102 device as well
as external circuitry. The CP2102 will enter Suspend mode when Suspend signaling is detected on the bus. On
entering Suspend mode, the CP2102 asserts the SUSPEND and SUSPEND signals. SUSPEND and SUSPEND
are also asserted after a CP2102 reset until device configuration during USB Enumeration is complete.
The CP2102 exits the Suspend mode when any of the following occur: (1) Resume signaling is detected or
generated, (2) a USB Reset signal is detected, or (3) a device reset occurs. On exit of Suspend mode, the
SUSPEND and SUSPEND signals are de-asserted.
Both SUSPEND and SUSPEND temporarily float high during a CP2102 reset. If this behavior is undesirable, a
strong pulldown (10 k
Ω) can be used to ensure SUSPEND remains low during reset. See Figure 6 for other
recommended options.
Figure 6. Typical Connection Diagram
Option 1: A 4.7 k
Ω pull-up resistor can be added to increase noise immunity.
Option 2: A 4.7 µF capacitor can be added if powering other devices from the on-chip regulator.
Option 3: Avalanche transient voltage suppression diodes should be added for ESD protection.
Option 3: Use Littlefuse p/n SP0503BAHT or equivalent.
Option 4: 10 k
Ω resistor to ground to hold SUSPEND low on initial power on or device reset.
1
CP2102
SUSPEND
SUSPEND
11
12
REGIN
7
GND
3
RST
9
D+
4
D-
5
8
C2
0.1
µF
C1
1
µF
RI
DCD
CTS
RTS
RXD
TXD
DSR
DTR
2
1
28
27
26
25
24
23
2
3
External RS-232
transceiver or
UART circuitry
(to external circuitry
for USB suspend
states)
VBUS
D-
D+
GND 4
USB
CONNECTOR
6
VDD
VBUS
VDD
R1
4.7 k
D1
D2
D3
Option 1
R2
10 k
Option 4
Option 3
C4
4.7
µF
Option 2


Similar Part No. - CP2102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
CP2102 SILABS-CP2102 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
CP2102 SILABS-CP2102 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
More results

Similar Description - CP2102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
CP2108 SILABS-CP2108 Datasheet
301Kb / 30P
   SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com