Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2102 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CP2102
Description  SINGLE-CHIP USB TO UART BRIDGE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2102 Datasheet HTML 1Page - Silicon Laboratories CP2102 Datasheet HTML 2Page - Silicon Laboratories CP2102 Datasheet HTML 3Page - Silicon Laboratories CP2102 Datasheet HTML 4Page - Silicon Laboratories CP2102 Datasheet HTML 5Page - Silicon Laboratories CP2102 Datasheet HTML 6Page - Silicon Laboratories CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories CP2102 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CP2102
4Rev. 1.2
1. System Overview
The CP2102 is a highly-integrated USB-to-UART Bridge Controller providing a simple solution for updating RS-232
designs to USB using a minimum of components and PCB space. The CP2102 includes a USB 2.0 full-speed
function controller, USB transceiver, oscillator, EEPROM, and asynchronous serial data bus (UART) with full
modem control signals in a compact 5 x 5 mm QFN-28 package. No other external USB components are required.
The on-chip EEPROM may be used to customize the USB Vendor ID, Product ID, Product Description String,
Power Descriptor, Device Release Number, and Device Serial Number as desired for OEM applications. The
EEPROM is programmed on-board via the USB allowing the programming step to be easily integrated into the
product manufacturing and testing process.
Royalty-free Virtual COM Port (VCP) device drivers provided by Silicon Laboratories allow a CP2102-based
product to appear as a COM port to PC applications. The CP2102 UART interface implements all RS-232 signals,
including control and handshaking signals, so existing system firmware does not need to be modified. In many
existing RS-232 designs, all that is required to update the design from RS-232 to USB is to replace the RS-232
level-translator with the CP2102. Direct access driver support is available through the Silicon Laboratories
USBXpress driver set.
An evaluation kit for the CP2102 (Part Number: CP2102EK) is available. It includes a CP2102-based USB-to-
UART/RS-232 evaluation board, a complete set of VCP device drivers, USB and RS-232 cables, and full
documentation. Contact a Silicon Labs’ sales representatives or go to www.silabs.com to order the CP2102
Evaluation Kit.
2. Absolute Maximum Ratings
Table 1. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Ambient temperature under bias
–55
125
°C
Storage Temperature
–65
150
°C
Voltage on any I/O Pin or RST with respect to GND
–0.3
5.8
V
Voltage on VDD with respect to GND
–0.3
4.2
V
Maximum Total current through VDD and GND
——
500
mA
Maximum output current sunk by RST or any I/O pin
——
100
mA
Note: Stresses above those listed may cause permanent damage to the device. This is a stress rating only, and functional
operation of the devices at or exceeding the conditions in the operation listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - CP2102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
CP2102 SILABS-CP2102 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
CP2102 SILABS-CP2102 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
More results

Similar Description - CP2102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
CP2108 SILABS-CP2108 Datasheet
301Kb / 30P
   SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com