Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F411-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F411-GM
Description  2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
Download  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F411-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F411-GM Datasheet HTML 1Page - Silicon Laboratories C8051F411-GM Datasheet HTML 2Page - Silicon Laboratories C8051F411-GM Datasheet HTML 3Page - Silicon Laboratories C8051F411-GM Datasheet HTML 4Page - Silicon Laboratories C8051F411-GM Datasheet HTML 5Page - Silicon Laboratories C8051F411-GM Datasheet HTML 6Page - Silicon Laboratories C8051F411-GM Datasheet HTML 7Page - Silicon Laboratories C8051F411-GM Datasheet HTML 8Page - Silicon Laboratories C8051F411-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 270 page
background image
2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F410/1/2/3
Rev. 1.0 2/07
Copyright © 2007 by Silicon Laboratories
C8051F41x
Analog Peripherals
-
12-Bit ADC
±1 LSB INL; no missing codes
Programmable throughput up to 200 ksps
Up to 24 external inputs
Data dependent windowed interrupt generator
Built-in temperature sensor (±3 °C)
-
Two 12-Bit Current Mode DACs
-
Two Comparators
Programmable hysteresis and response time
Configurable as wake-up or reset source
-
POR/Brownout Detector
-
Voltage Reference—1.5, 2.2 V (programmable)
On-Chip Debug
-
On-chip debug circuitry facilitates full-speed, non-
intrusive in-system debug (No emulator required)
-
Provides breakpoints, single stepping
-
Inspect/modify memory and registers
-
Complete development kit
Supply Voltage 2.0 to 5.25 V
-
Built-in LDO regulator: 2.1 or 2.5 V
High Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 50 MIPS throughput with
50 MHz system clock
-
Expanded interrupt handler
Memory
-
2304 bytes internal data RAM (256 + 2048)
-
32/16 kB Flash; In-system programmable in
512 byte sectors
-
64 bytes battery-backed RAM (smaRTClock)
Digital Peripherals
-
24 port I/O; push-pull or open-drain, up to 5.25 V
tolerance
-
Hardware SMBus™ (I2C™ Compatible), SPI™, and
UART serial ports available concurrently
-
Four general purpose 16-bit counter/timers
-
Programmable 16-bit counter/timer array with six
capture/compare modules, WDT
-
Hardware smaRTClock operates down to 1 V with
64 bytes battery-backed RAM and backup voltage
regulator
Clock Sources
-
Internal oscillators: 24.5 MHz 2% accuracy supports
UART operation; clock multiplier up to 50 MHz
-
External oscillator: Crystal, RC, C, or Clock
(1 or 2 pin modes)
-
smaRTClock oscillator: 32 kHz Crystal or
self-resonant oscillator
-
Can switch between clock sources on-the-fly
32-PIN LQFP or 28-PIN 5x5 QFN
Temperature Range: –40 to +85 °C
ANALOG
PERIPHERALS
12-bit
200 ksps
ADC
32/16 kB
ISP FLASH
2368 B
SRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(50 MIPS)
TEMP
SENSOR
DIGITAL I/O
24.5 MHz PRECISION
INTERNAL OSCILLATOR
WITH CLOCK MULTIPLIER
HIGH-SPEED CONTROLLER CORE
A
M
U
X
VOLTAGE
COMPARATORS
+
-
WDT
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 0
SPI
12-bit
IDAC
Port 1
12-bit
IDAC
Port 2
+
-
VREG
LOW FREQUENCY
INTERNAL OSCILLATOR
VREF
CRC
HARDWARE smaRTClock


Similar Part No. - C8051F411-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F410 SILABS-C8051F410 Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
More results

Similar Description - C8051F411-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F91X SILABS-C8051F91X Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F920-GQR SILABS-C8051F920-GQR Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F007 SILABS-C8051F007 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F002 SILABS-C8051F002 Datasheet
165Kb / 2P
   20 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
logo
NXP Semiconductors
LPC2101 PHILIPS-LPC2101 Datasheet
160Kb / 32P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2103FBD48.151 NXP-LPC2103FBD48.151 Datasheet
203Kb / 37P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com