Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77321 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77321
Description  PA Module for Tri-Band EGSM / GPRS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77321 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77321 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103030B • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • September 9, 2005
1
DATA SHEET
SKY77321 PA Module for Tri-Band EGSM / GPRS
Applications
• Tri-band cellular handsets
encompassing
-
Class 4 EGSM900
-
Class 1 DCS1800
-
PCS1900
-
GPRS (up to Class 12)
Features
• High efficiency
-
EGSM900 53%
-
DCS1800 47%
PCS1900 47%
• Input/output matching
50
Ω internal
• Small outline
6 mm x 6 mm
• Low profile
1.2 mm maximum
• Low APC current
10 µA typical
• Gold plated, lead-free
contacts
Skyworks offers lead
(Pb)-free "environmentally
friendly" packaging
that is RoHS compliant
(European Parliament
for the Restriction of
Hazardous Substances).
Description
The SKY77321 Power Amplifier Module (PAM) is designed in a compact form factor for tri-band
cellular handsets comprising EGSM900, DCS1800, and PCS1900 operation. It also supports Class 12
General Packet Radio Service (GPRS) multislot operation.
The PAM consists of an EGSM900 PA block, a DCS1800/PCS1900 PA block, impedance-matching
circuitry for 50
Ω input and output, and bias control circuitry. Two separate Heterojunction Bipolar
Transistor (HBT) PA blocks are fabricated on a single Gallium Arsenide (GaAs) die. One PA block
operates in the EGSM900 band and the other PA block supports both the DCS1800 and the PCS1900
bands. Optimized for Li-Ion battery operation, both PA blocks share common power supply pins to
distribute current. A custom CMOS integrated circuit provides the internal interface circuitry, including
a current amplifier that minimizes the required power control current (IAPC) to 10 µA, typical. The GaAs
die, the Silicon (Si) die, and passive comments are mounted on a multi-layer laminate substrate. The
assembly is encapsulated with plastic overmold.
The RF input and output ports are internally matched to 50
Ω to reduce the number of external
components for a tri-band design. Extremely low leakage current (2 µA, typical) of the dual PA module
maximizes handset standby time. The SKY77321 also contains band-select switching circuitry to
select EGSM (logic 0) and DCS/PCS (logic 1) as determined from the Band Select (BS) signal. In the
block diagram shown below, the BS pin selects the PA output (DCS/PCS OUT or EGSM OUT) while the
Analog Power Control (APC) controls the level of output power.
Figure 1. Functional Block Diagram


Similar Part No. - SKY77321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
More results

Similar Description - SKY77321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
logo
ANADIGICS, Inc
AWT6107 ANADIGICS-AWT6107 Datasheet
233Kb / 8P
   EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7891 HP-ACPM-7891 Datasheet
218Kb / 23P
   Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
logo
Skyworks Solutions Inc.
CX77304-15 SKYWORKS-CX77304-15 Datasheet
611Kb / 20P
   PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
CX77301 SKYWORKS-CX77301 Datasheet
522Kb / 14P
   PA Module Dual-band EGSM900 DCS1800 / GPRS
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
   Tri-Band GSM GPRS 3.5 V Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com