Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65131 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY65131
Description  WLAN Power Amplifier Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65131 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65131 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65131 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET • SKY65131
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103106E • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 1, 2005
3
Evaluation Board Description
The Skyworks SKY65131 Evaluation Board is used to test the
performance of the SKY65131 power amplifier driver. An
assembly drawing for the Evaluation Board is shown in Figure 11.
The layer detail is provided in Figure 12 and Figure 13 identifies
the physical characteristics of each layer.
Electrostatic Discharge (ESD) Sensitivity
The SKY65131 is a static-sensitive electronic device. Do not
operate or store near strong electrostatic fields. Take proper ESD
precautions.
Table 1. SKY65131 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
GND
Ground
9
VCC2
Stage 2 collector voltage
2
RF_IN
RF input
10
GND
Ground
3
RF_IN
RF input
11
RF_OUT
RF output
4
VCC1
Stage 1 collector voltage
12
RF_OUT
RF output
5
VC_BIAS
Bias voltage
13
VDET_CNTL
Detector voltage control
6
VREF1
Bias referance voltage 1
14
V_DET
Detector output signal
7
VREF2
Bias referance voltage 2
15
VCC_DET
Detector supply voltage
8
PA_ON
PA on/off control signal
16
GND
Ground
Table 2. SKY65131 Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
RF input power
PIN
4
dBm
Supply voltage
VCC1, VC_BIAS, VREF1,
VREF2, VCC2, and
VCC_DET
4
V
Supply current (ID + IBIAS)
ICC
500
mA
Power dissipation
2
W
Case operating temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Junction temperature
TJ
+150
°C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value.
Table 3. SKY65131 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
RF input power
PIN
–3
dBm
Supply voltage
VCC1, VC_BIAS,
VREF1, VREF2,
VCC2, and VCC_DET
3.0
3.3
3.6
V
Case operating temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C


Similar Part No. - SKY65131

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65131-11 SKYWORKS-SKY65131-11 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
More results

Similar Description - SKY65131

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
   3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com