Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY42068 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY42068
Description  400-1000 MHz High Dynamic Range Active Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY42068 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY42068 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY42068 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY42068 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY42068 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY42068 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY42068 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY42068 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY42068 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRELIMINARY DATA SHEET • SKY42068 ACTIVE MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103210C • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 23, 2006
3
Table 4. SKY42068 Electrical Specifications
(voltage supply = +5 V, TC = +25
°C, LO = 0 dBm, RF frequency = 900 MHz, IF frequency = 71 MHz, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
RF
RF input frequency
400
1000
MHz
RF input VSWR (Note 1)
1.5:1
2.0:1
Mixer (Note 2)
Conversion gain
2.5
dB
Single side band noise figure
9.5
dB
Input IP3
1 MHz tone spacing
36
dBm
RF to IF leakage (Note 3)
–40
dBm
LO to IF leakage
–25
dBm
Input –1 dB compression point
2x2 product suppression (Note 4)
+14
+17
–70
dBm
dBc
Local Oscillator
LO input frequency (Note 5)
450
1200
MHz
LO input VSWR (Note 1)
1.5:1
2.0:1
LO level input
–5
0
+5
dBm
LO1 to LO2 isolation
40
dB
Intermediate Frequency
IF output frequency
50
250
MHz
IF output VSWR (Note 1)
IF = 50 MHz to 200 MHz
1.5:1
2.0:1
Note 1: In a 50
Ω system obtained with external matching components on input/output ports.
Note 2: Include RF balun and IF transformer losses.
Note 3: Measured with an RF input power of –10 dBm.
Note 4: Measured with an RF input power of –16 dBm.
Note 5: Use high side LO injection for RF frequencies below 500 MHz.
Evaluation Board Description
The SKY42068 Evaluation Board is used to test the SKY42068
mixer performance. The SKY42068 Evaluation Board schematic
diagram is shown in Figure 3. Figure 4 displays the Evaluation
Board layout. The Bill of Materials (BOM) is provided in Table 5.
Circuit Design Configurations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
1. Paths to ground should be made as short as possible.
2. The ground pad of the SKY42068 mixer has special electrical
and thermal grounding requirements. This pad is the main
thermal conduit for heat dissipation. Since the circuit board
acts as the heat sink, it must shunt as much heat as possible
from the mixer. As such, design the connection to the ground
pad to dissipate the maximum wattage produced to the circuit
board. Multiple vias to the grounding layer are required.
3. Two external output bypass capacitors are required on the VDD
pin. The values of these capacitors will change with respect to
the desired RF frequency. One capacitor should be used for
low frequency bypassing and the other capacitor for high
frequency bypassing. Special attention should be given so that
the smaller value capacitor does not go into self-resonance at
the desired RF frequency.
4. The RF input must be driven differentially. A 1:1 impedance
ratio balun is recommended with a center tap on the secondary
side that is a DC path to ground.
Mixer Testing Procedure
Use the following procedure to set up the SKY42068 Evaluation
Board for mixer testing. Refer to Figure 5 for guidance:
1. Connect the SKY42068 Evaluation Board (J1) to a +5 VDC
power supply using insulated supply cables. If available,
enable the current limiting function of the power supply to
250 mA.


Similar Part No. - SKY42068

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-4120B ADVANTECH-SKY-4120B Datasheet
1Mb / 2P
   2U 24-Bay JBOD Enclosure for High-Availability Applications
27-Jun-2018
SKY-4120B-R5A1E ADVANTECH-SKY-4120B-R5A1E Datasheet
1Mb / 2P
   2U 24-Bay JBOD Enclosure for High-Availability Applications
27-Jun-2018
SKY-4311 ADVANTECH-SKY-4311 Datasheet
443Kb / 2P
   16 DDR4-2133 RDIMMs for a maximum of 512 GB
SKY-4311P-R11A1E ADVANTECH-SKY-4311P-R11A1E Datasheet
443Kb / 2P
   16 DDR4-2133 RDIMMs for a maximum of 512 GB
SKY-5240 ADVANTECH-SKY-5240 Datasheet
1Mb / 2P
   2U 4 Node Hybrid Server, High Density & Flexible Storage. Dual 10GbE and 2 x PCIe Gen3 x16 Slots per Node
19-Sep-2019
More results

Similar Description - SKY42068

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
logo
WJ Communication. Inc.
HMJ8 WJCI-HMJ8 Datasheet
54Kb / 4P
   High Dynamic Range FET Mixer
logo
List of Unclassifed Man...
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
   High Dynamic Range FET Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com