Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3010-F-FS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI3010-F-FS
Description  V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3010-F-FS Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3010-F-FS Datasheet HTML 1Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 2Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 3Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 4Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 5Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 6Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 7Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 8Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Rev. 1.0 12/05
Copyright © 2005 by Silicon Laboratories
Si2401
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si2401
V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Features
Applications
Description
The Si2401 ISOmodem® is a complete, two-chip 2400 bps modem integrating
Silicon Labs’ third-generation direct access arrangement (DAA), which provides a
globally-programmable telephone line interface with an unprecedented level of
integration. Available in two 16-pin SOIC packages, this compact solution
eliminates the need for a separate DSP data pump, modem controller, codec,
isolation transformer, relay, opto-isolators, and 2–4 wire hybrid. The Si2401
provides conventional data formats at connect rates of up to 2400 bps with full-
duplex operation over the Public Switched Telephone Network (PSTN).
Additionally, the Si2401 is fully-programmable to meet global standards with a
single design. Other features include fast connect times for electronic point-of-
sale (EPOS) applications and alarm protocols for security systems. The device is
ideal for embedded modem applications due to its small size, low external
component count, and low power consumption.
Functional Block Diagram
Data modem formats
2400 bps: V.22bis
1200 bps: V.22, V.23, Bell 212A
300 bps: V.21, Bell 103
Fast connect and V.23 reversing
SIA and other security protocols
27 MHz CLKIN support
Caller ID detection and decoding
UART with flow control
Integrated third-generation DAA
Fewer external components required
Over 5000 V capacitive isolation
Parallel phone detect
Globally-compliant line interface
AT command set support
Call progress support
3.3 V Power
Lead-free, RoHS-compliant
packages
Set-top boxes
Point-of-sale
ATM terminals
Security systems
Medical monitoring
Power meters
µ Controller
(AT Decoder,
Call Progress)
Control
Interface
Clock
Interface
DSP
(Data Pump)
RXD
TXD
RESET
EOFR/GPIO1
ESC/GPIO3
CD/GPIO2
INT/GPIO4
XOUT
XTALI
Si2401
Si3010
CTS
Hybrid, AC
and DC
Terminations
Ring Detect
Off-Hook
IB
SC
DCT
VREG2
DCT2
DCT3
RNG1
RNG2
QB
QE
QE2
RX
Isolation
Interface
VREG
RI/GPIO5
U.S. Patent #5,870,046
U.S. Patent #6,061,009
Other patents pending
Ordering Information
See page 72.
Pin Assignments
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLKIN/XTALI
XTALO
CTS
V
D
TXD
RXD
RESET
GPIO5/RI
GPIO1/EOFR
GPIO2/CD
GPIO3/ESC
V
A
GND
GPIO4/INT/AOUT
C1A
C2A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QE
DCT
VREG
IB
C2B
C1B
RNG1
RX
DCT2
IGND
DCT3
QB
QE2
SC
VREG2
RNG2
Si2401
Si3010


Similar Part No. - SI3010-F-FS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3010-F-FS SKYWORKS-SI3010-F-FS Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
More results

Similar Description - SI3010-F-FS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com