Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3233-X-FM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI3233-X-FM
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233-X-FM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI3233-X-FM Datasheet HTML 5Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 6Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 7Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 8Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 9Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 10Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 11Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 12Page - Silicon Laboratories SI3233-X-FM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
Si3233
Preliminary Rev. 0.5
9
Table 8. Power Supply Characteristics
(VDDA,VDDD = 3.13 V to 5.25 V, TA = 0 to 70°C for F-Grade, –40 to 85°C for G-Grade)
Parameter
Symbol
Test Condition
Typ1
Typ2
Max
Unit
Power Supply Current,
Analog and Digital
IA + ID
Sleep (RESET = 0)
0.10.130.2
mA
Open
33
42.8
49
mA
Active on-hook
ETBO = 4 mA, codec and Gm
amplifier powered down
37
53
68
mA
Active OHT
ETBO = 4 mA
57
72
83
mA
Active off-hook
ETBA = 4 mA, ILIM = 20 mA
73
88
99
mA
Ground-start
36
47
55
mA
Ringing
Sinewave, REN = 1, VPK = 56 V
455565
mA
VDD Supply Current (Si3201)
IVDD
Sleep mode, RESET = 0
110
110
µA
Open (high impedance)
110
110
µA
Active on-hook standby
110
110
µA
Forward/reverse active off-hook,
ETBA = 4 mA, VBAT = –24 V
110
110
µA
Forward/reverse OHT, ETBO = 4 mA,
VBAT = –70 V
110
110
µA
VBAT Supply Current3
IBAT
Sleep (RESET = 0)
0
0
mA
Open (DCOF = 1)
0
0
mA
Active on-hook
VOC = 48 V
3
mA
Active OHT
ETBO = 4 mA
11
mA
Active off-hook
ETBA = 4 mA, ILIM = 20 mA
30
mA
Ground-start
2
mA
Ringing
VPK_RING = 56 VPK,
sinewave ringing, REN = 1
—5.5
mA
Notes:
1. VDDD, VDDA = 3.3 V.
2. VDDD, VDDA = 5.25 V.
3. IBAT = current from VBAT (the large negative supply). For a switched-mode power supply regulator efficiency of 71%,
the user can calculate the regulator current consumption as IBAT xVBAT/(0.71 x VDC).


Similar Part No. - SI3233-X-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230-GT SILABS-SI3230-GT Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3230-GT SILABS-Si3230-GT Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230-KT SILABS-SI3230-KT Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3230-KT SILABS-Si3230-KT Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Similar Description - SI3233-X-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com