Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5013 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5013
Description  OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5013 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5013 Datasheet HTML 1Page - Silicon Laboratories SI5013 Datasheet HTML 2Page - Silicon Laboratories SI5013 Datasheet HTML 3Page - Silicon Laboratories SI5013 Datasheet HTML 4Page - Silicon Laboratories SI5013 Datasheet HTML 5Page - Silicon Laboratories SI5013 Datasheet HTML 6Page - Silicon Laboratories SI5013 Datasheet HTML 7Page - Silicon Laboratories SI5013 Datasheet HTML 8Page - Silicon Laboratories SI5013 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev. 1.5 10/05
Copyright © 2005 by Silicon Laboratories
Si5013
Si5013
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Features
High-speed clock and data recovery device with integrated limiting amplifier:
Applications
Description
The Si5013 is a fully-integrated, high-performance limiting amplifier (LA)
and clock and data recovery (CDR) IC for high-speed serial
communication systems. It derives timing information and data from a
serial input at OC-12/3 and STM-4/1 rates. Use of an external reference
clock is optional. Silicon Laboratories DSPLL® technology eliminates
sensitive noise entry points, thus making the PLL less susceptible to
board-level interaction and helping to ensure optimal jitter performance.
The Si5013 represents a new standard in low jitter, low power, small size,
and integration for high-speed LA/CDRs. It operates from a 3.3 V supply
over the industrial temperature range (–40 to 85 °C).
Functional Block Diagram
Supports OC-12/3, STM-4/1
DSPLL® technology
Jitter generation 2.3 mUIrms (typ)
Small footprint: 5 x 5 mm
Reference and reference-less
operation supported
Loss-of-signal level alarm
Data slicing level control
10 mVPP differential sensitivity
3.3 V supply
SONET/SDH/ATM routers
Add/drop multiplexers
Digital cross connects
Board level serial links
SONET/SDH test equipment
Optical transceiver modules
SONET/SDH regenerators
Limiting
Amp
DSPLL
Lock
Detection
Retimer
Reset/
Calibration
Bias Gen.
BUF
BUF
CLKOUT+
CLKOUT–
DIN+
DIN–
REFCLK+
REFCLK–
(Optional)
LOS
LOL
REXT
RESET/CAL
SLICE_LVL
DSQLCH
CLK_DSBL
LTR
RATESEL
Signal
Detect
LOS_LVL
BER_LVL
BER
Monitor
DOUT+
DOUT–
2
2
2
2
BER_ALM
Ordering Information:
See page 22.
Pin Assignments
Si5013
GND
Pad
1
2
3
4
5
GND
LOS_LVL
REFCLK+
RATESEL
SLICE_LVL
6
7
LOL
REFCLK–
21
20
19
18
17
REXT
RESET/CAL
DOUT+
VDD
VDD
16
15 TDI
DOUT–
8
9 10 11 12 13 14
28 27 26 25 24 23 22


Similar Part No. - SI5013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013 SILABS-SI5013 Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
logo
List of Unclassifed Man...
SI5013-X-GM ETC1-SI5013-X-GM Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT94L55 EXAR-XRT94L55 Datasheet
53Kb / 2P
   SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR?셎
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com