Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5017-X-GM Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5017-X-GM
Description  OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5017-X-GM Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5017-X-GM Datasheet HTML 4Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 5Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 6Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 7Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 8Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 9Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 10Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 11Page - Silicon Laboratories SI5017-X-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Si5017
8
Rev. 1.4
Table 3. AC Characteristics (Clock and Data)
(VDD = 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Clock Rate
fCLK
2.4
2.7
GHz
Output Clock Rise Time
tR
Figure 3
70
90
ps
Output Clock Fall Time
tF
Figure 3
70
90
ps
Output Clock Duty Cycle
48
50
52
% of
UI
Output Data Rise Time
tR
Figure 3
80
110
ps
Output Data Fall Time
tF
Figure 3
80
110
ps
Clock to Data Delay
FEC (2.7 Gbps)
OC-48
tCr-D
Figure 2
190
190
230
230
265
265
ps
Clock to Data Delay
FEC (2.7 Gbps)
OC-48
tCf-D
Figure 2
–70
–60
–40
–30
–10
0
ps
Input Return Loss
100 kHz–1.5 GHz
1.5 GHz–4.0 GHz
–15
–10
dB
dB
Slicing Level Offset
(relative to the internally set input
common mode voltage)
VSLICE
SLICE_LVL = 750 mV to
2.25 V
See Figure 8 on page 14.
Loss-of-Signal Range*
(peak-to-peak differential)
VLOS
LOS_LVL = 1.50 to 2.50 V
0
40
mV
Loss-of-Signal Response Time
tLOS
Figure 5
8
20
25
µs
*Note: Adjustment voltage is calculated as follows:
VLOS = (LOS_LVL – 1.50)/25.


Similar Part No. - SI5017-X-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5017-EVB SILABS-SI5017-EVB Datasheet
494Kb / 12P
   Simple jumper configuration
More results

Similar Description - SI5017-X-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com