Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5023 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5023
Description  MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5023 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5023 Datasheet HTML 4Page - Silicon Laboratories SI5023 Datasheet HTML 5Page - Silicon Laboratories SI5023 Datasheet HTML 6Page - Silicon Laboratories SI5023 Datasheet HTML 7Page - Silicon Laboratories SI5023 Datasheet HTML 8Page - Silicon Laboratories SI5023 Datasheet HTML 9Page - Silicon Laboratories SI5023 Datasheet HTML 10Page - Silicon Laboratories SI5023 Datasheet HTML 11Page - Silicon Laboratories SI5023 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Si5023
8
Rev. 1.25
Table 3. AC Characteristics (Clock and Data)
(VDD = 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Clock Rate
fCLK
RATESEL[0:1] = 11
2.46
2.7
GHz
RATESEL[0:1] = 01
1.232
1.35
GHz
RATESEL[0:1] = 10
616
675
MHz
RATESEL[0:1] = 00
154
158
MHz
Output Clock Rise Time—OC-48
tR
Figure 3 on page 6
70
90
ps
Output Clock Fall Time—OC-48
tF
Figure 3 on page 6
70
90
ps
Output Clock Duty Cycle
OC-48/12/3
47
50
53
% of
UI
Output Data Rise Time—OC-48
tR
Figure 3 on page 6
80
110
ps
Output Data Fall Time—OC-48
tF
Figure 3 on page 6
80
110
ps
Clock-to-Data Delay
FEC (2.7 GHz)
OC-48
GbE
OC-12
OC-3
tCr-D
Figure 2 on page 5
190
190
440
800
4000
230
230
490
860
4100
265
265
560
940
4200
ps
Clock to Data Delay
FEC (2.7 GHz)
OC-48
tCf-D
Figure 2 on page 5
–70
–60
–40
–30
–10
0
ps
Input Return Loss
100 kHz–1.5 GHz
1.5 GHz–4.0 GHz
–15
–10
dB
dB
Slicing Level Offset
(relative to the internally set input
common mode voltage)
VSLICE
SLICE_LVL = 750 mV to
2.25 V
See Figures 12 and 13.
Loss-of-Signal Range*
(peak-to-peak differential)
VLOS
LOS_LVL = 1.50 TO 2.50 V
0—
40
mV
Loss-of-Signal Response Time
tLOS
Figure 5 on page 6
820
25
µs
*Note: Adjustment voltage is calculated as follows: VLOS = (LOS_LVL – 1.50)/25.


Similar Part No. - SI5023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5023 ETC1-SI5023 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
SI5023-BM ETC1-SI5023-BM Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
Si5023-BM SILABS-Si5023-BM Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023-EVB SILABS-SI5023-EVB Datasheet
514Kb / 12P
   Simple jumper configuration
More results

Similar Description - SI5023

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com